Moteur de recherche de fiches techniques de composants électroniques |
|
ST-10 Fiches technique(PDF) 4 Page - Systemsensor advanced ideas. |
|
ST-10 Fiches technique(HTML) 4 Page - Systemsensor advanced ideas. |
4 / 4 page © 2004 System Sensor. The company reserves the right to change product specifications without notice. A05-0373-000•4/04•#1261 Specifications Operating Temperature Range 32° to 120°F (0° to 49°C) Operating Humidity Range 10% to 93% relative humidity (non-condensing) Duct Air velocity 500 – 4000 ft./min. (2.54 – 20.32 m/s) Shipping Weight ED-DPR: 4lbs. (1.8 kg) Length 14.5″ (36.7 cm) Width 5″ (12.7 cm) Depth 4″ (10.2 cm) Ordering Information Part No. Description ED-DPR Eclipse Series intelligent duct smoke detector housing ED-DP Photoelectric duct sensor head ED-DPI Photoelectric isolator duct sensor head ST-1.5 Metal sampling tube duct widths 1′–2′ ST-3 Metal sampling tube duct widths 2′–4′ ST-5 Metal sampling tube duct widths 4′–8′ ST-10 Metal sampling tube duct widths 8′–12′ A2121 Replacement Eclipse Power Board Accessories Description RTS451 Remote test station (see below) RTS451KEY Remote test station w/key (see below) RA400Z Remote LED (see below) F36-05-00 Replacement filters P48-21-00 End cap for metal sampling tube T80-71-00 Replacement plastic sampling tube RTS451 Remote Test Station (UL S2522) RTS451KEY Remote Test Station with key (UL S2522) RA400Z Remote Annunciator (UL S2522) ALARM RESET ALARM ON RESET TEST System Sensor Sales and Service System Sensor Headquarters 3825 Ohio Avenue St. Charles, IL 60174 Ph: 800/SENSOR2 Fx: 630/377-6495 Documents-on-Demand 800/736-7672 x3 www.systemsensor.com System Sensor Canada Ph: 905.812.0767 Fx: 905.812.0771 System Sensor Europe Ph: 44.1403.891920 Fx: 44.1403.891921 System Sensor in China Ph: 86.29.524.6253 Fx: 86.29.524.6259 System Sensor in Singapore Ph: 65.6273.2230 Fx: 65.6273.2610 System Sensor – Far East Ph: 85.22.191.9003 Fx: 85.22.736.6580 System Sensor – Australia Ph: 613.54.281.142 Fx: 613.54.281.172 System Sensor – India Ph: 91.124.237.1770 x.2700 Fx: 91.124.237.3118 System Sensor – Russia Ph: 70.95.937.7982 Fx: 70.95.937.7983 |
Numéro de pièce similaire - ST-10 |
|
Description similaire - ST-10 |