Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-10 Datasheet(Fiches technique) 3 Page - Systemsensor advanced ideas.

Numéro de pièce ST-10
Description  Intelligent Duct Smoke Detectors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ST-10 Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  ST-10 Datenblatt HTML 1Page - Systemsensor advanced ideas. ST-10 Datenblatt HTML 2Page - Systemsensor advanced ideas. ST-10 Datasheet HTML 3Page - Systemsensor advanced ideas. ST-10 Datenblatt HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Current Requirements (using no accessories)
Power supply voltage
14–30VDC
Max. standby current
360 µA max.
Max. alarm current
7 mA max. @ 24VDC (LEDs on)
Alarm response time
30 sec.
Power up time
2 sec.
Self test initiation time
1 sec.
ED-DPR Specifications
Device
Standby
Alarm
RA400Z
0 mA
4.6 mA Max.
RTS451/RTS451KEY
0 mA
4.6 mA Max.
Accessory Current Loads at 24VDC
CURRENT RATINGS
MAXIMUM VOLTAGE
LOAD DESCRIPTION
APPLICATION
3A
30VDC
Resistive
Non Coded
2A
30VDC
Resistive
Coded
.9A
110VDC
Resistive
Non Coded
.9A
125VAC
Resistive
Non Coded
.5A
30VDC
Inductive (L/R=5ms)
Coded
1A
30VDC
Inductive (L/R=2ms)
Coded
.3A
125VAC
Inductive (PF=.35)
Non Coded
.7A
75VAC
Inductive (PF=.35)
Non Coded
1.5A
25VAC
Inductive (PF=.35)
Non Coded
Relay Contact Ratings (Each set of Form C Contacts)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
DH200PLIntelligent Low-Flow Duct Smoke Detectors 1 2 3 4 Systemsensor advanced ideas.
500SERIESIntelligent Duct Smoke Detector 1 2 Systemsensor advanced ideas.
72247For Duct Smoke Detectors 1 2 List of Unclassifed Manufacturers
2151Low-Profile Plug-in Smoke Detectors 1 2 Systemsensor advanced ideas.
B210LPLow-Profile Intelligent Combination Smoke Detector 1 2 Systemsensor advanced ideas.
2251BIntelligent Low Profile Plug-in Detectors 1 2 Systemsensor advanced ideas.
BEAM200BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors 1 2 Systemsensor advanced ideas.
DH4004-Wire Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn