Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1.5 Datasheet(Fiches technique) 4 Page - Systemsensor advanced ideas.

Numéro de pièce ST-1.5
Description  Intelligent Low-Flow Duct Smoke Detectors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ST-1.5 Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  ST-1.5 Datenblatt HTML 1Page - Systemsensor advanced ideas. ST-1.5 Datenblatt HTML 2Page - Systemsensor advanced ideas. ST-1.5 Datenblatt HTML 3Page - Systemsensor advanced ideas. ST-1.5 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2003 System Sensor. The company reserves the right to change product specifications without notice.
A05-0353-000•7/03•#1012
Innovair200 Series Low-Flow Specifications
Operating Temperature Range
32° to 131°F (0° to 55°C)
Operating Humidity Range
10% to 93% relative humidity
(non-condensing)
Storage Temperature Range
–22º to +158ºF (–30º to +70º C)
Duct Air velocity
100 – 4000 ft./min. (0.5 – 20.32 m/s)
Shipping Weight
DH200PL:
3.35lbs. (1.5 kg)
DH200RPL:
3.90lbs. (1.8 kg)
Length
1434″ (37 cm)
Width
512″ (14 cm)
Depth
234″ (7 cm)
Ordering Information
Part No.
Description
DH200PL
Innovairintelligent low-flow photoelectric non-
relay duct smoke detector
DH200RPL
Innovairintelligent low-flow photoelectric with
relay duct smoke detector
ST-1.5
Metal sampling tube duct widths 1′–2′
ST-3
Metal sampling tube duct widths 2′–4′
ST-5
Metal sampling tube duct widths 4′–8′
ST-10
Metal sampling tube duct widths 8′–12′
A5053
Replacement photoelectric sensor board
A5060
Replacement power board for DH200RPL (w/relay)
A5067
Replacement power board for DH200PL (w/o relay)
Accessories
Description
RTS451
Remote test station (see below)
RTS451KEY
Remote test station w/key (see below)
RA400Z
Remote LED (see below)
PA400
Mini-AlertSounder (see below)
F36-09-11
Replacement filters
M02-04-00
Test magnet
P48-21-00
End cap for metal sampling tube
P48-61-00
End cap for plastic sampling tube
S08-39-01
Replacement photo insect screen
T80-71-00
Replacement plastic sampling tube
RTS451
Remote Test Station
(UL S2522)
RTS451KEY
Remote Test Station with
key (UL S2522)
RA400Z
Remote
Annunciator
(UL S2522)
PA400
Mini-AlertSounder
(UL S3593)
Device cannot be wired
directly to DH200PL
(non-relay).
ALARM
RESET
ALARM
ON
RESET
TEST
System Sensor Sales and Service
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800/SENSOR2
Fx: 630/377-6495
Documents-on-Demand
800/736-7672 x3
www.systemsensor.com
System Sensor Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor Europe
Ph: 44.1403.276500
Fx: 44.1403.276501
System Sensor in China
Ph: 86.29.524.6253
Fx: 86.29.524.6259
System Sensor in Singapore
Ph: 65.6273.2230
Fx: 65.6273.2610
System Sensor – Far East
Ph: 85.22.191.9003
Fx: 85.22.736.6580
System Sensor – Australia
Ph: 613.54.281.142
Fx: 613.54.281.172
System Sensor – India
Ph: 91.124.637.1770 x.2700
Fx: 91.124.637.3118


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
500SERIESIntelligent Duct Smoke Detector 1 2 Systemsensor advanced ideas.
DH100ACDCLWPWatertight 4-Wire Low-Flow Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
72247For Duct Smoke Detectors 1 2 List of Unclassifed Manufacturers
2151Low-Profile Plug-in Smoke Detectors 1 2 Systemsensor advanced ideas.
DH4004-Wire Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
DH100ACDCI4-Wire Ionization Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn