Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DH200PL Fiches technique(PDF) 3 Page - Systemsensor advanced ideas.

No de pièce DH200PL
Description  Intelligent Low-Flow Duct Smoke Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH200PL Fiches technique(HTML) 3 Page - Systemsensor advanced ideas.

  DH200PL Datasheet HTML 1Page - Systemsensor advanced ideas. DH200PL Datasheet HTML 2Page - Systemsensor advanced ideas. DH200PL Datasheet HTML 3Page - Systemsensor advanced ideas. DH200PL Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Current Requirements (using no accessories)
Power supply voltage
20-30 VDC
24 VAC, 50-60HZ
120VAC, 50-60Hz
220/240 VAC, 50-60Hz
Max. standby current
26 mA
65 mA RMS
44 mA RMS
25 mA RMS
Max. alarm current
87 mA
182 mA RMS
52 mA RMS
30 mA RMS
Alarm response time
3 to 10 sec.
3 to 10 sec.
3 to 10 sec.
3 to 10 sec.
Power up time
2 sec.
2 sec.
2 sec.
2 sec.
Wiring diagram for DH200RPL Duct Smoke Detector with optional RA400Z
Wiring diagram for DH200RPL Duct Smoke
Detector with RTS451/RTS451KEY
Wiring diagram for DH200RPL Duct Smoke Detector with optional PA400
Wiring diagram for DH200RPL Duct Smoke Detector using a UL listed control panel
NOTE: Jumper J1 shunt must be installed for 2-W applications. J1 shunt must be removed for power PCB supervision.
DH200RPL Specifications
Alarm auxiliary contacts* (DPDT)
10 A @ 30 VDC
10 A @ 277 VAC (0.75 power factor)
240 VA @ 249 VAC (0.4 power factor)
1
8 HP @ 120 VAC
1
4 HP @ 240 VAC
Supervisory contact (SPST)
2.0 A @ 30 VDC (resistive)
*Minimum switching current for auxiliary contact
must be 100 mA DC minimum @ 5 VDC.
Contact Ratings
Device
Standby
Alarm
PA400
0 mA
15 mA Max.
RA400Z
0 mA
12 mA Max.
RTS451/RTS451KEY
0 mA
10 mA Max.
Accessory Current Loads at 24 VDC
+
COMMUNICATION
LINE
UL LISTED CONTROL
PANEL
1ST DETECTOR
IN LOOP
2ND DETECTOR
IN LOOP
1 2
1 2
J1 JUMPER
J1 JUMPER
5 7
RA400Z
5 = Alarm Signal
7 = Aux. Power (—)
DO NOT BREAK TAB ON RA400Z
ALARM SIGNAL
AUX. POWER (—)
TEST +
TEST —
ALARM SIGNAL
NOT USED
NOT USED
CIRCUIT
REFERENCE
TEST
SWITCH
FOR RTS451, TERMINAL 3 IS NOT
USED. (RTS451 DOES NOT HAVE
A TERMINAL 6.) FOR RTS451KEY,
TERMINALS 3 AND 6 ARE NOT USED.
RTS 451/RTS451KEY
5
7
4
3
1
3
6
2
4
5
5 7
PA400
5 = Alarm Signal
7 = Aux. Power (—)
NOTE: External power of 24V AC/DC or
120/220 VAC must be connected in
order to power all remote horn or
strobe accessories.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
500SERIES Intelligent Duct Smoke Detector 1  2  Systemsensor advanced ideas.
DH100ACDCLWP Watertight 4-Wire Low-Flow Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
72247 For Duct Smoke Detectors 1  2  List of Unclassifed Manufacturers
2151 Low-Profile Plug-in Smoke Detectors 1  2  Systemsensor advanced ideas.
DH400 4-Wire Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
DH100ACDCI 4-Wire Ionization Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn