Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

T-15815G Fiches technique(PDF) 1 Page - Rhombus Industries Inc.

No de pièce T-15815G
Description  T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RHOMBUS-IND [Rhombus Industries Inc.]
Site Internet  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-15815G Fiches technique(HTML) 1 Page - Rhombus Industries Inc.

  T-15815G Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
9
12
16
15
7
15
13
10
4
2
8
3
14
11
6
1 OF 1
2/23/98
T-15815G
SCHEMATIC DIAGRAM:
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
www.rhombus-ind.com
PARAMETER
MIN.
MAX.
UNITS
OCL (Primary)
1.2
mH
Leakage Inductance
0.80 & 0.55
µH
Capacitance (C
W/W
)30
pF
Primary DC Resistance
0.7
ohms
Secondary DC Resistance
1.2 & 0.7
ohms
ET Product
10
V
µS
Primary Pins 1-3 & 6-8
Turns Ratio ( + 5% )
1CT:2CT & 1:1
T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Reinforced Insulation Per EN 41003/EN 60950
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.560
(14.22)
MAX.
.920
(23.37)
MAX.
.400
(10.16)
MAX.
.110
(2.79)
TYP.
.035
(0.89)
TYP.
.740 (18.80)
.710 (18.03)
.010
(0.25)
TYP.
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Tape and Reel available.
3000 V
RMS Isolation (Hi-Pot)


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
T-14513 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-15801G T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-15802 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-15802G T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-15808 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-15808G T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-15809 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-15810 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14504 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-15815 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn