Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

T-15801 Fiches technique(PDF) 1 Page - Rhombus Industries Inc.

No de pièce T-15801
Description  T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RHOMBUS-IND [Rhombus Industries Inc.]
Site Internet  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-15801 Fiches technique(HTML) 1 Page - Rhombus Industries Inc.

  T-15801 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
9
12
16
15
7
15
13
10
4
28
3
14
11
6
.560
(14.22)
MAX.
.400
(10.16)
.010
(0.25)
TYP.
.120
(3.05)
MIN.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.395
(10.03)
MAX.
.920
(23.37)
MAX.
1 OF 1
2/23/98
T-15801
SCHEMATIC DIAGRAM:
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
www.rhombus-ind.com
PARAMETER
MIN.
MAX.
UNITS
OCL (Primary)
1.2
mH
Leakage Inductance
0.80 & 0.6
µH
Capacitance (C
W/W
)35
pF
Primary DC Resistance
0.7
ohms
Secondary DC Resistance
0.7 & 1.1
ohms
ET Product
10
V
µS
Primary Pins 14-16 & 6-8
Turns Ratio ( + 5% )
1CT:2CT & 1:1.36CT
T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Reinforced Insulation Per EN 41003/EN 60950
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Surface mount version of this part
available. Part# T-15801G
Parts shipped in anti-static
tubes. 18 pieces per tube
3000 V
RMS Isolation (Hi-Pot)


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
T-14513 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14504 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14505 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14506 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14507 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14508 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14509 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14510 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14511 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14512 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn