Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4508B Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4508B
Description  CMOS DUAL 4-BIT LATCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD4508B Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CD4508B Datasheet HTML 4Page - Texas Instruments CD4508B Datasheet HTML 5Page - Texas Instruments CD4508B Datasheet HTML 6Page - Texas Instruments CD4508B Datasheet HTML 7Page - Texas Instruments CD4508B Datasheet HTML 8Page - Texas Instruments CD4508B Datasheet HTML 9Page - Texas Instruments CD4508B Datasheet HTML 10Page - Texas Instruments CD4508B Datasheet HTML 11Page - Texas Instruments CD4508B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MECHANICAL DATA
MCDI005 – JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
JD (R-CDIP-T**)
CERAMIC SIDE-BRAZE DUAL-IN-LINE PACKAGE
24 PINS SHOWN
0.590 (14,99)
0.620 (15,75)
TYP
0.590 (15,00)
52
0.012 (0,30)
0.008 (0,20)
48
2.435
40
2.050
0.020 (0,51) MIN
0.125 (3,18) MIN
(61,85)
(52,07)
(67,31)
2.650
4040087/B 04/95
Seating Plane
A
13
12
0.045 (1,14)
0.065 (1,65)
24
1
0.075 (1,91) MAX (4 Places)
28
24
PINS **
0.021 (0,53)
0.015 (0,38)
1.250
(31,75)
DIM
A MAX
0.175 (4,45)
0.140 (3,56)
(36,83)
1.450
0.100 (2,54)
0
°–15°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package is hermetically sealed with a metal lid.
D. The terminals are gold-plated.


Numéro de pièce similaire - CD4508B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4508B TI1-CD4508B Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
CD4508B-MIL TI1-CD4508B-MIL Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
CD4508BD3 TI1-CD4508BD3 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
CD4508BF3A TI1-CD4508BF3A Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
CD4508BM TI1-CD4508BM Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
More results

Description similaire - CD4508B

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD4508BMS INTERSIL-CD4508BMS Datasheet
85Kb / 9P
   CMOS Dual 4-Bit Latch
December 1992
logo
Texas Instruments
CD4508B TI1-CD4508B_15 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
logo
Renesas Technology Corp
CD4512BMS RENESAS-CD4512BMS Datasheet
332Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
logo
Intersil Corporation
CD4512BMS INTERSIL-CD4512BMS Datasheet
67Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
   Dual 4-bit latch
January 1995
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
   Dual 4-Bit Latch
logo
Motorola, Inc
MC14508B MOTOROLA-MC14508B Datasheet
205Kb / 7P
   Dual 4-Bit Latch
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
   DUAL 4-BIT LATCH
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
   Dual 4-Bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com