Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

T-14512 Fiches technique(PDF) 1 Page - Rhombus Industries Inc.

No de pièce T-14512
Description  T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RHOMBUS-IND [Rhombus Industries Inc.]
Site Internet  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-14512 Fiches technique(HTML) 1 Page - Rhombus Industries Inc.

  T-14512 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
10/02/00
T-14512
T1/CEPT/ISDN PRI
INTERFACE
TRANSFORMER
www.rhombus-ind.com
Tape and Reel available.
Parts shipped in anti-static
tubes. 29 pieces per tube
Dimensions in inches (mm)
.550 (13.97)
.520 (13.21)
MAX.
.456
(11.58)
.040
(1.02)
TYP.
.010
(0.25)
TYP.
.340
(8.64)
MAX.
MAX.
.650
(16.51)
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.040
(1.02)
TYP.
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
1500 V
RMS Isolation (Hi-Pot)
1
2
3
12
11
10
4
5
6
9
8
7
SCHEMATIC DIAGRAM
PARAMETER
MIN.
MAX.
UNITS
OCL (Primary)
1.2
mH
Leakage Inductance
0.6
µH
Capacitance (C
W/W)
35
pF
Primary DC Resistance
0.90
ohms
Secondary DC Resistance
1.2
ohms
ET Product
10
V
µS
Turns Ratio ( + 2% )
1CT : 1CT & 1CT : 1.36CT
Operating Temperature Range: -400C to +850C
Primary Pins 1-3 & 4-6


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
T-14504 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14505 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14506 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14507 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14508 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14509 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14510 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-14511 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-555 T1 CARRIER INTERFACE TRANSFORMER 1  Rhombus Industries Inc.
T-664 HDSL LINE INTERFACE TRANSFORMER 1  Rhombus Industries Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn