Moteur de recherche de fiches techniques de composants électroniques |
|
CD4053BF3A Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
CD4053BF3A Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 20 page 3 CD4052B CD4053B Functional Block Diagrams (Continued) 12 11 15 14 0 1 2 3 3 2 1 0 X CHANNELS IN/OUT Y CHANNELS IN/OUT BINARY TO 1 OF 4 DECODER WITH INHIBIT 13 3 COMMON Y OUT/IN COMMON X OUT/IN 7 8 16 6 9 10 A † B † INH † VSS VEE VDD TG TG TG TG TG TG TG TG 4 2 5 1 LOGIC LEVEL CONVERSION 11 10 9 6 A † B † C † INH † 12 3 5 1 2 13 TG TG TG TG TG TG 4 COMMON OUT/IN ax ay bx by cx cy 8 7 VSS VEE 16 VDD IN/OUT 15 14 BINARY TO 1 OF 2 DECODERS WITH INHIBIT LOGIC LEVEL CONVERSION VDD †All inputs are protected by standard CMOS protection network. COMMON OUT/IN COMMON OUT/IN ax OR ay bx OR by cx OR cy CD4051B, CD4052B, CD4053B |
Numéro de pièce similaire - CD4053BF3A |
|
Description similaire - CD4053BF3A |