Moteur de recherche de fiches techniques de composants électroniques |
|
CD4051BNS Fiches technique(PDF) 8 Page - Texas Instruments |
|
CD4051BNS Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 20 page 8 FIGURE 3. CHANNEL ON RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES) FIGURE 4. CHANNEL ON RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES) FIGURE 5. ON CHARACTERISTICS FOR 1 OF 8 CHANNELS (CD4051B) FIGURE 6. DYNAMIC POWER DISSIPATION vs SWITCHING FREQUENCY (CD4051B) FIGURE 7. DYNAMIC POWER DISSIPATION vs SWITCHING FREQUENCY (CD4052B) FIGURE 8. DYNAMIC POWER DISSIPATION vs SWITCHING FREQUENCY (CD4053B) Typical Performance Curves (Continued) -10 -7.5 -5 -2.5 0 2.5 5 7.5 10 0 100 200 300 400 600 500 VIS, INPUT SIGNAL VOLTAGE (V) TA = 25 oC 15V 10V VDD - VEE = 5V -10 -7.5 -5 -2.5 0 2.5 5 7.5 10 0 50 100 150 200 250 VIS, INPUT SIGNAL VOLTAGE (V) VDD - VEE = 15V TA = 125 oC TA = 25 oC TA = -55 oC -6 -4 -2 0 2 4 6 VIS, INPUT SIGNAL VOLTAGE (V) -6 -4 -2 0 2 4 6 VDD = 5V VSS = 0V VEE = -5V TA = 25 oC RL = 100kΩ, RL = 10kΩ 100 Ω 500 Ω 1k Ω TA = 25 oC ALTERNATING “O” CL = 50pF AND “I” PATTERN 105 104 103 10 VDD = 15V VDD = 5V CL = 15pF 102 102 10 103 104 105 SWITCHING FREQUENCY (kHz) 1 TEST CIRCUIT VDD 3 5 10 11 6 7 8 14 15 1 2 13 12 4 CL CD4051 f 100 Ω 100 Ω B/D CD4029 VDD AB C 9 Ι VDD = 10V 105 104 103 10 102 102 10 103 104 105 SWITCHING FREQUENCY (kHz) 1 VDD = 15V VDD = 5V TA = 25 oC ALTERNATING “O” CL = 50pF AND “I” PATTERN VDD 3 5 10 11 6 7 8 14 15 1 2 13 12 4 CL CD4052 f 100 Ω B/D CD4029 VDD AB 9 Ι TEST CIRCUIT VDD = 10V CL = 15pF 105 104 103 10 VDD = 15V VDD = 10V VDD = 5V TA = 25 oC ALTERNATING “O” CL = 50pF AND “I” PATTERN CL = 15pF 102 102 10 103 104 105 SWITCHING FREQUENCY (kHz) Ι TEST CIRCUIT VDD 9 3 5 10 11 6 7 8 14 15 1 2 13 12 4 CL CD4053 f 100 Ω 100 Ω 1 CD4051B, CD4052B, CD4053B |
Numéro de pièce similaire - CD4051BNS |
|
Description similaire - CD4051BNS |