Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DH100ACDCLWP Fiches technique(PDF) 4 Page - Systemsensor advanced ideas.

No de pièce DH100ACDCLWP
Description  Watertight 4-Wire Low-Flow Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100ACDCLWP Fiches technique(HTML) 4 Page - Systemsensor advanced ideas.

  DH100ACDCLWP Datasheet HTML 1Page - Systemsensor advanced ideas. DH100ACDCLWP Datasheet HTML 2Page - Systemsensor advanced ideas. DH100ACDCLWP Datasheet HTML 3Page - Systemsensor advanced ideas. DH100ACDCLWP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2007 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0286-007 • 1/07 • #1753
Ordering Information
Part No.
Description
DH100ACDCLWP
Watertight 4-wire photoelectric duct smoke detector with low-flow technology
A5190
Replacement 4-wire photoelectric detector board
A5064
Replacement 4-wire power board
Accessories
ST-1.5
Metal sampling tube duct widths 1´–2´ (0.3–0.6 m)
MOD400R
Sensitivity test module
ST-3
Metal sampling tube duct widths 2´–4´ (0.6–1.2 m)
RA400Z
Remote annunciator alarm LED
ST-5
Metal sampling tube duct widths 4´–8´ (1.2–2.4 m)
F36-09-11
Replacement air filters (two per package)
ST-10
Metal sampling tube duct widths 8´–12´ (2.4–3.7 m)
M02-04-00
Test magnet
T80-71-00
Replacement telescoping sampling tube
P48-21-00
End cap for metal sampling tubes
P48-55-00
Replacement end cap for T80-71-00
S08-39-01
Photo replacement screen
SSK451
Multi-Signaling accessory
PA400W
Mini-Alert sounder
RTS451KEY
Remote test station with key lock
PS24LOW
Mini-Alert add-on strobe
RTS451
Remote test station
PS12/24SLENSW
Wall-mount“SMOKE”lens
APA451
Remote annunciator with piezo alarm
Accessories
System Sensor provides system flexibility with a variety of accessories, including three remote test devices and several different means of
visible and audible system annunciation. As with our duct detectors, all duct smoke detector accessories are UL listed.
SSK451
Multi-Signaling
Accessory
(UL 268A)
SSK451
Multi-Signaling Accessory
(UL 268A)
shown with PS24LOW add-on
strobe (PS12/24SLENSW smoke lens
option available)
APA451
Piezo Annunciator
(UL S4011)
RTS451KEY
Remote Test Station
with Key (UL S2522)
PA400W
Mini-Alert Sounder
(UL S3593)
shown with PS24LOW add-on
strobe (PS12/24SLENSW smoke
lens option available)
RTS451
Remote Test Station
(UL S2522)
RA400Z
Remote Annunciator
(UL S2522)


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DH100ACDCI 4-Wire Ionization Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
DH400 4-Wire Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
500SERIES Intelligent Duct Smoke Detector 1  2  Systemsensor advanced ideas.
MC14468 Low-Power CMOS Ionization Smoke Detector IC with Interconnect 1  2  3  4  5  More Freescale Semiconductor, Inc
1451A Plug-in Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
M75012 PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn