Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T-1118 Fiches technique(PDF) 1 Page - Rhombus Industries Inc.

No de pièce T-1118
Description  ADSL Line Interface Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RHOMBUS-IND [Rhombus Industries Inc.]
Site Internet  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-1118 Fiches technique(HTML) 1 Page - Rhombus Industries Inc.

  T-1118 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Name:
Sheet:
Date:
Rhombus P/N:
Cust. P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
7
8
9
1
2
4
5
PARAMETER
UNITS
TURNS RATIO
1:1 +2%
Pins 7-9 : 1-5
1Inductance +7%
1.8
mH
2Leakage Inductance
11 max.
µH
DCR Pins 7 - 9
1.4 max.
DCR Pins 1 - 5
1.5 max.
Longitudinal Balance
50 min.
dB
20 KHz - 1100 KHz
Frequency Response
+1.0
dB
40KHz - 1100KHz
Insertion Loss @50KHz
1.7 max.
dB
Harmonic Distortion
85 Typ.
dB
Isolation (Min)
1500
V
RMS
Impedance
100
T-1118
1 of 1
ADSL Line
Interface
Transformer
2/14/97
Schematic Diagram
Designed for use with
DMT ADSL Line interfaces
A surface Mount Version
of this part is available
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
12
3
4
5
10
9
8
76
Physical Dimensions
inches (mm)
1) Tested @ 10 kHz and 100 mV (Pins 7-9)
2) Tested @ 10 kHz and 100 mV (Pins 7-9 short 1-2-4-5)
Primary is Device Side
www.rhombus-ind.com


Numéro de pièce similaire - T-1118

FabricantNo de pièceFiches techniqueDescription
logo
Rhombus Industries Inc.
T-1118 RHOMBUS-IND-T-1118 Datasheet
35Kb / 1P
   ADSL Line Interface Transformers
More results

Description similaire - T-1118

FabricantNo de pièceFiches techniqueDescription
logo
Rhombus Industries Inc.
T-1140 RHOMBUS-IND-T-1140 Datasheet
34Kb / 1P
   ADSL Line Interface Transformer
T-1308 RHOMBUS-IND-T-1308 Datasheet
30Kb / 1P
   ADSL Line Interface Transformer
T-1249 RHOMBUS-IND-T-1249 Datasheet
40Kb / 1P
   ADSL LINE INTERFACE TRANSFORMER
T-1099 RHOMBUS-IND-T-1099 Datasheet
48Kb / 1P
   ADSL Line Interface Transformer
T-1274G RHOMBUS-IND-T-1274G Datasheet
22Kb / 1P
   ADSL Line Interface Transformer
T-1308G RHOMBUS-IND-T-1308G Datasheet
22Kb / 1P
   ADSL Line Interface Transformer
logo
EPCOS
B78417A1763A003 EPCOS-B78417A1763A003 Datasheet
108Kb / 5P
   ADSL interface transformer
B78421A6603A003 EPCOS-B78421A6603A003 Datasheet
108Kb / 5P
   ADSL interface transformer
B78417A1698A003 EPCOS-B78417A1698A003_1 Datasheet
109Kb / 5P
   ADSL interface transformer
B78417A1761A003 EPCOS-B78417A1761A003 Datasheet
108Kb / 5P
   ADSL interface transformer
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com