Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DH100ACDCI Fiches technique(PDF) 1 Page - Systemsensor advanced ideas.

No de pièce DH100ACDCI
Description  4-Wire Ionization Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100ACDCI Fiches technique(HTML) 1 Page - Systemsensor advanced ideas.

  DH100ACDCI Datasheet HTML 1Page - Systemsensor advanced ideas. DH100ACDCI Datasheet HTML 2Page - Systemsensor advanced ideas. DH100ACDCI Datasheet HTML 3Page - Systemsensor advanced ideas. DH100ACDCI Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agency Listings
4-Wire Ionization
Duct Smoke Detector
System Sensor’s Innovair DH100ACDCI reduces the
spread of smoke through HVAC air handling systems.
As an ionization duct detector, it’s ultra-responsive to
submicron-sized smoke particles typically found near
a fire source.
Features
Ionization technology
An air velocity rating from 500 feet per minute to 4,000 feet per
minute (2.54 meters per second to 20.32 meters per second)
Patented interconnectability for multi-fan shutdown
Two DPDT Form-C relay contacts
24 VAC/DC or 120/240 VAC
Versatile mounting options
Outside mounting tabs
A patented telescopic sampling tube
Modular construction
A patented cover-tamper trouble signal
A transparent cover
A remote test station
Remote sounder/LED indicator options
A built-in reset button
The DH100ACDCI senses smoke in velocities from 500 to 4,000 feet
per minute. When smoke is detected, all interconnected Innovairs
will initiate their relays. However, to quickly locate the fire source,
only the detector sensing smoke will alarm. Two DPDT Form-C relay
contacts, connected to auxiliary equipment, can also be configured
to prevent the spread of smoke through a particular area.
Beyond its reliable performance, the DH100ACDCI is simple to install
and maintain. Powered by 24 VAC/DC or 120/240 VAC, it can be easily
mounted to round and rectangular ducts, from one to twelve feet
in width, with outside mounting tabs. It also offers an adjustable
telescopic sampling tube that can be used for duct widths up to 18
inches. The tube locks into place – no additional tools are necessary.
Its modular construction allows for easy cleaning and field
replacement of the power and sensor boards. Also simplifying
maintenance is a transparent cover that provides convenient visual
inspection. If the cover is removed, a patented cover-tamper trouble
signal gives a 7-minute delay before the panel or remote accessory is
notified of trouble.
At a remote location, the remote test station option ensures that
a detector is functioning properly, and the remote sounder/LED
indicator options signal if a detector is in alarm. However, the cover
does not need to be removed if a detector needs to be reset at the
detector. Simply push the built-in reset button.
WARNING: Duct smoke detectors are NOT a substitute for open
area smoke detectors,
NOT a substitute for early warning detection
and
NOT a replacement for a building’s regular fire detection system.
Refer to NFPA 72 and 90A for additional information.
268A


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DH400 4-Wire Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
MC145017_07 Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver 1  2  3  4  5  More Freescale Semiconductor, Inc
MC145018 Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver 1  2  3  4  5  More Freescale Semiconductor, Inc
MC14568 Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer 1  2  3  4  5  More Freescale Semiconductor, Inc

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn