Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DH100ACDCI Fiches technique(PDF) 3 Page - Systemsensor advanced ideas.

No de pièce DH100ACDCI
Description  4-Wire Ionization Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100ACDCI Fiches technique(HTML) 3 Page - Systemsensor advanced ideas.

  DH100ACDCI Datasheet HTML 1Page - Systemsensor advanced ideas. DH100ACDCI Datasheet HTML 2Page - Systemsensor advanced ideas. DH100ACDCI Datasheet HTML 3Page - Systemsensor advanced ideas. DH100ACDCI Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A05-0315-002
Wiring Guide
System wiring diagram for 4-wire duct smoke detectors
Wiring diagram for DH100ACDCI to SSK451 and
interconnect feature:
15
19
14
3
20
1
3
2
Alarm Signal
Aux. Power +
Sup. N. O.
Sup. COM
Aux. Power –
NOTE: Wiring diagram shown is for DH100ACDCI 4-wire duct
smoke detector system equipped without a control panel.
Alarm
Power
Common
APA451
DH100ACDCI
NOTE: A trouble condition is indicated when the green LED
is not illuminated.
Important Interconnect Notes
• When using the interconnect feature, all interconnected units must be powered with the same, independent supply.
• Polarity must be maintained throughout the interconnect wiring. Connect terminal 12 on unit 1 to terminal 12 on unit 2 and so on. Similarly, connect
terminal 1 on unit 1 to terminal 1 on unit 2 and so on.
Wiring diagram for the DH100ACDCI to RTS451/
RTS451KEY and interconnect feature:
COMMON
3
TEMPORAL SELECT
2
ALARM SIGNAL
1
SUPERVISORY SIGNAL
4
RESET
7
TEST
8
POWER (–)
6
POWER (+)
5
15
ALARM SIGNAL
3
14
2
RESET
11
TEST
20
AUX. POWER (–)
19
AUX. POWER (+)
12
INTERCONNECT +
1
INTERCONNECT –
SSK451
FIELD INSTALLED
JUMPER FOR
TEMPORAL PATTERN
SUPERVISORY
CONTACT
NO
12
INTERCONNECT +
1
INTERCONNECT –
DH100ACDCI
UNIT 2
FIELD INSTALLED
JUMPER
DH100ACDCI
UNIT 1
15
19
14
3
20
2
11
2
6
1
Alarm Signal
Aux. Power +
Sup. N. O.
Sup. COM
Aux. Power –
Reset
Test
(Red LED) Alarm
(Green LED)
Power
12
1
12
1
Interconnect +
Unit 1
Interconnect –
DH100ACDCI
DH100ACDCI
UNIT 2
RTS451/RTS451KEY
5
4
3
*NOTE: For RTS451KEY only
without a Control Panel.
RTS451 does not have a terminal 6.
NOTE: Wiring diagram shown is for
DH100ACDCI 4-wire duct
smoke detector system equipped
without a control panel.
NOTE: A trouble condition is indicated
when the green LED is not
illuminated.
*
Interconnect –
Interconnect +
Wiring diagram for DH100ACDCI to APA451:
24V
120
VAC
220/240
VAC
9
10
A
B
C
AVAILABLE POWER INPUTS
ALARM AUXILIARY CONTACTS
FOR FAN SHUTDOWN, ETC.
16
6
17
7
18
8
N.C.
C.
N.O.
N.O.
C.
N.C.
ALARM AUXILIARY CONTACTS SHOWN IN
STANDBY. CONTACTS TRANSFER DURING
ALARM AS INDICATED BY THE ARROWS.
SUPERVISORY TROUBLE CONTACTS
TROUBLE CONTACTS CLOSED IN ALARM AND STANDBY.
CONTACTS OPEN WHILE DETECTOR PCB OR POWER IS
REMOVED OR WHEN TAMPER FEATURE TIMES OUT. OPEN
CONTACTS SIGNAL TROUBLE CONDITION TO PANEL.
24V
220/240
VAC
9
10
A
B
C
AVAILABLE POWER INPUTS
ALARM AUXILIARY CONTACTS
FOR FAN SHUTDOWN, ETC.
16
6
17
7
18
8
N.C.
C.
N.O.
N.O.
C.
N.C.
ALARM AUXILIARY CONTACTS SHOWN IN
STANDBY. CONTACTS TRANSFER DURING
ALARM AS INDICATED BY THE ARROWS.
SUPERVISORY TROUBLE CONTACTS
TROUBLE CONTACTS CLOSED IN ALARM AND STANDBY.
CONTACTS OPEN WHILE DETECTOR PCB OR POWER IS
REMOVED OR WHEN TAMPER FEATURE TIMES OUT. OPEN
CONTACTS SIGNAL TROUBLE CONDITION TO PANEL.
14
3
3
14
4
5
ALARM
INITIATION
CONTACTS
CONTACTS SHOWN
OPEN IN STANDBY.
CONTACTS CLOSE
IN ALARM.
4
5
ALARM
INITIATION
CONTACTS
CONTACTS SHOWN
OPEN IN STANDBY.
CONTACTS CLOSE
IN ALARM.
ALARM
INITIATION
LOOP
UL LISTED 4-WIRE
CONTROL PANEL
FIRST DETECTOR IN THE LOOP
DH100ACDCI
LAST DETECTOR IN THE LOOP
DH100ACDCI
EOL RESISTOR
SPECIFIED BY
PANEL MANUFACTURER
CONNECT POWER SOURCE
TO APPROPRIATE TERMINALS
OF EACH DETECTOR. SEE
SPECIFICATIONS FOR
ADDITIONAL POWER SUPPLY
INFORMATION.
FOR WIRING OF AUXILIARY
DEVICES, REFER TO
MANUFACTURER'S
INSTALLATION INSTRUCTIONS
OR CONTACT MANUFACTURER.
NOTE: THE SUPERVISORY RELAY NOW
PROVIDES A "FORM C" CONTACT FOR
CUSTOMIZED APPLICATIONS.
FOR STANDARD APPLICATIONS, ONLY
THE "NO" CONTACT IS USED
POWER INPUTS ACCEPT
24 VDC, 24 VAC 50-60 HZ,
120 VAC 50-60 HZ, OR
220/240 VAC 50-60 HZ.
CONNECT POWER SOURCE
TO APPROPRIATE TERMINALS
OF EACH DETECTOR.
AUX. CONTACT RATINGS
10A @ 30 VDC RESISTIVE
10A @ 250 VAC
100mA MINIMUM @ 5 VDC
NOT INTENDED FOR
CONNECTION TO CONTROL
PANELS.
TROUBLE CONTACT RATING
2.0 A @ 30 VDC resistive
+
120
VAC
*NOTE: For RTS451KEY only without a Control
Panel.
RTS451 does not have a terminal 6.
NOTE: Wiring diagram shown is for DH100ACDCLP
4-wire duct smoke detector system
equipped without a control panel.
NOTE: A trouble condition is indicated when the
green LED is not illuminated.
Coil Note:
Please note that the magnetic coil supplied with
the RTS451/RTS451KEY is not required when these
accessories are used with the DH100 detectors.
The functionality of the magnetic coil has been
designed into the circuitry of the Innovair duct
smoke detectors.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DH400 4-Wire Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
MC145017_07 Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver 1  2  3  4  5  More Freescale Semiconductor, Inc
MC145018 Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver 1  2  3  4  5  More Freescale Semiconductor, Inc
MC14568 Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer 1  2  3  4  5  More Freescale Semiconductor, Inc

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn