Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDRP-2001 Fiches technique(PDF) 52 Page - Systemsensor advanced ideas.

No de pièce PDRP-2001
Description  Deluge Preaction Control Panel
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PDRP-2001 Fiches technique(HTML) 52 Page - Systemsensor advanced ideas.

Back Button PDRP-2001 Datasheet HTML 48Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 49Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 50Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 51Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 52Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 53Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 54Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 55Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 56Page - Systemsensor advanced ideas. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 140 page
background image
Programming
Master Programming Level
52
PDRP-2001 Series PN 53043:A 5/08/2007
Pressing the down arrow key displays additional zone types as indicated in the following table.
While viewing any Zone Type screen, select the type of zone being programmed by pressing the
corresponding keyboard number key. The display will return to Edit Input Zone Screen #2 and
indicate the selection next to the Type option.
Table 3.1 Zone Types
Zone Type
Action When Activated
Pull-Station
Fire Alarm
Manual Release1
Table Footnote
1. Activation of a Manual Release Switch will override Predischarge Delay,
resulting in an immediate water release.
Fire Alarm
Normally Open Contact
Fire
N/A
N/A
Waterflow
Fire
Waterflow NS (nonsilenceable)
Fire, nonsilenceable
Combo
Fire/Supervisory
Combo w/AutoResettable Superv2
2. AutoResettable means that a device with this type code, when activated, will
automatically reset when the corresponding condition is cleared.
Fire/Supervisory, nonlatching
2-Wire Smoke
Fire Alarm
2-Wire Heat
Fire Alarm
Linear Heat
Fire Alarm
N/A
N/A
Fire
Fire Alarm
Low Pressure
Supervisory, latching
Low Pressure AutoResettable2
Supervisory, nonlatching
High Pressure
Supervisory
High Pressure AutoResettable2
Supervisory, nonlatching
Disable Release
3
3. Disable Release allows the installer to disable the releasing solenoids during
system testing. Disable Release will only work when the system is not in alarm.
Supervisory, nonlatching (disables Release Circuits)
Supervisory
Supervisory, latching
Supervisory AutoResettable2
Supervisory, nonlatching
N/A
2nd-Shot Water Switch4
4. The 2nd-Shot Water Switch provides the option of performing another immediate
water release manually. Refer to "2nd-Shot Water Switch" on page 90.
Fire Alarm, nonlatching


Numéro de pièce similaire - PDRP-2001

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
PDRP-1001 SYSTEMSENSOR-PDRP-1001 Datasheet
2Mb / 56P
   Deluge - Preaction Control Panel
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
   Agent Release Control System
PDRP-1002E SYSTEMSENSOR-PDRP-1002E Datasheet
931Kb / 44P
   Agent Release Control System
More results

Description similaire - PDRP-2001

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
PDRP-1001 SYSTEMSENSOR-PDRP-1001 Datasheet
2Mb / 56P
   Deluge - Preaction Control Panel
logo
Gamewell-FCI by Honeywe...
FGF506D GAMEWELL-FCI-FGF506D Datasheet
71Kb / 4P
   Pre-action / Deluge Control Panel
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF240IESE020 SCHNEIDER-HFNF240IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
   Industrial/Control Panel
19-Feb-2023
logo
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL Datasheet
316Kb / 3P
   Diameter Panel Control
logo
D+H Mechatronic AG
VCM05U DH-VCM05U Datasheet
402Kb / 2P
   CNV control panel
GVL8304-K DH-GVL8304-K Datasheet
257Kb / 2P
   CNV control panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com