Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDRP-1001 Fiches technique(PDF) 47 Page - Systemsensor advanced ideas.

No de pièce PDRP-1001
Description  Deluge - Preaction Control Panel
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PDRP-1001 Fiches technique(HTML) 47 Page - Systemsensor advanced ideas.

Back Button PDRP-1001 Datasheet HTML 43Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 44Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 45Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 46Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 47Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 48Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 49Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 50Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 51Page - Systemsensor advanced ideas. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Universal Digital Alarm Communicator - 411UDAC
Appendix C: NFPA Standard-Specific Requirements
PDRP-1001 Instruction Manual PN 50734:D0 04/06/01
47
Universal Digital Alarm Communicator - 411UDAC
The following figure illustrates an example of Central Station/Remote Station Receiver or Protected
Premises Receiving Unit reporting using a 411UDAC. The relay contacts of the MRP-4424 may be used
to trip any dialer listed for Central Station/Remote Station services. For additional information refer to the
Instruction Manual for the 411UDAC.
• All connections between the control panel and the 411UDAC must be in conduit, less than 20 feet
(6.1 meters) in length in the same room.
• The PDRP-1001 Series is non suitable for transmission of a supervisory signal to the DACT.
• Any zone of the 411UDAC can be wired to function as alarm or trouble; the unit must be
programmed accordingly. In this example, Zone 1 is wired to the control panel’s alarm relay, Zone2
is wired to the control panel’s trouble relay, and Zone 3 is wired to the optional module’s supervisory
relay.
• AC power is supplied directly to the 411UDAC, not through the control panel. AC wiring for both
the 411UDAC and the control panel must be connected to the same AC branch circuit.
• End-of-Line Resistors must terminate all circuits. In this example, Zone 4 is unused and is
terminated at the board.
• When employing a DACT, place the JP1 jumper, on the control panel, as shown below. This directs
the panel to transmit all trouble conditions except AC LOSS. The DACT must be configured to
transmit AC power loss to the central station.
Figure 25 411UDAC Connections
TB2
TB4
TB1
RELAY 1
NO NC C
RELAY 2
NO NC C
NAC
B+ B-
ZONE 1
B+ B-
ZONE 4
B+ B-
ZONE 2
B+ B-
ZONE 3
B+ A+ A- B-
+12V PWR
+
-
PH1
PH2
Trouble
Alarm
Secondary Phone Line
Primary Phone Line
Modular Cable
P/N MCBL-6
Supervisory
Control Panel
4XZM Zone
Relay Module
Zone 1
Zone 2
Zone 3
411 UDAC
Jumper


Numéro de pièce similaire - PDRP-1001

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
   Agent Release Control System
PDRP-1002E SYSTEMSENSOR-PDRP-1002E Datasheet
931Kb / 44P
   Agent Release Control System
More results

Description similaire - PDRP-1001

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
PDRP-2001 SYSTEMSENSOR-PDRP-2001 Datasheet
1Mb / 140P
   Deluge Preaction Control Panel
logo
Gamewell-FCI by Honeywe...
FGF506D GAMEWELL-FCI-FGF506D Datasheet
71Kb / 4P
   Pre-action / Deluge Control Panel
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF240IESE020 SCHNEIDER-HFNF240IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
   Industrial/Control Panel
19-Feb-2023
logo
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL Datasheet
316Kb / 3P
   Diameter Panel Control
logo
D+H Mechatronic AG
VCM05U DH-VCM05U Datasheet
402Kb / 2P
   CNV control panel
GVL8304-K DH-GVL8304-K Datasheet
257Kb / 2P
   CNV control panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com