Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDRP-1001 Fiches technique(PDF) 41 Page - Systemsensor advanced ideas.

No de pièce PDRP-1001
Description  Deluge - Preaction Control Panel
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PDRP-1001 Fiches technique(HTML) 41 Page - Systemsensor advanced ideas.

Back Button PDRP-1001 Datasheet HTML 37Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 38Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 39Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 40Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 41Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 42Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 43Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 44Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 45Page - Systemsensor advanced ideas. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Notification Appliances, UL Listed
Appendix B: Compatible Devices
PDRP-1001 Instruction Manual PN 50734:D0 04/06/01
41
Notification Appliances, UL Listed
Control panels suppling Special Application (FWR, Filtered) power must use the Notification Appliances
listed below.
• Rated Voltage is nominal operating voltage
• All currents are in millamperes and worst case average.
Product
Rated
Voltage
FWR
DC
Filtered
DC
System Sensor MA-12/24D Electronic Sounder
24VDC
73
46
System Sensor SS24 Strobe
24VDC
*
30
System Sensor SS24LO Strobe
24VDC
45
25
System Sensor SS24LOC Ceiling Strobe (SS24LOBC - beige)
24VDC
45
25
System Sensor SS24M Strobe
24VDC
125
75
System Sensor SS24MC Ceiling Strobe
24VDC
125
75
System Sensor MASS24D Electronic Sounder/Strobe
24VDC
118
71
System Sensor MASS24LO Electronic Sounder/Strobe
24VDC
118
71
System Sensor MASS24LOC Electronic Ceiling Sounder/Strobe
24VDC
118
71
System Sensor MASS24LOLA Electronic Sounder/Strobe w/Fuego lens
24VDC
118
71
System Sensor MASS24M Electronic Sounder/Strobe
24VDC
198
121
System Sensor MASS24MC Electronic Ceiling Sounder/Strobe
24VDC
198
121
System Sensor PA400R Sounder
24VDC
*
15
System Sensor PS24LO Add-on Strobe
24VDC
45
25
System Sensor SS2415ADA Signaling Strobe
24VDC
90
75
System Sensor SS2475ADA Signaling Strobe
24VDC
200
170
System Sensor SS24110ADA Signaling Strobe
24VDC
245
210
System Sensor SS241575ADA Signaling Strobe
24VDC
120
93
System Sensor SS2415ADAS Signaling Strobe with Synch. Circuit
24VDC
125
106
System Sensor SS241575ADAS Signaling Strobe with Synch. Circuit
24VDC
180
115
System Sensor MASS24110ADA Sounder/Signaling Strobe
24VDC
163
121
System Sensor MASS2475ADA Sounder/Signaling Strobe
24VDC
273
216
System Sensor MASS24110ADA Sounder/Signaling Strobe
24VDC
318
256
System Sensor MASS241575ADA Sounder/Signaling Strobe
24VDC
193
139
System Sensor MASS24110ADAS Sounder/Signaling Strobe w/Sync. Ckt.
24VDC
163
121
System Sensor MASS241575ADAS Sounder/Signaling Strobe w/Sync. Ckt.
24VDC
193
139
System Sensor PS2415ADA Mini-Sounder/Strobe
24VDC
110
90
System Sensor PS2475ADA Mini-Sounder/Strobe
24VDC
135
108
System Sensor PS24110ADA Mini-Sounder/Strobe
24VDC
240
225
System Sensor PS241575ADA Mini-Sounder/Strobe
24VDC
135
108
System Sensor SP1R2415ADA Speaker/Signaling Strobe
24VDC
90
75
System Sensor SP1R2475ADA Speaker/Signaling Strobe
24VDC
200
170
System Sensor SP1R24110ADA Speaker/Signaling Strobe
24VDC
245
210
System Sensor SP1R241575ADA Speaker/Signaling Strobe
24VDC
120
93
System Sensor V4R2415ADA Speaker/Signaling Strobe
24VDC
90
75
System Sensor V4R2475ADA Speaker/Signaling Strobe
24VDC
200
170
System Sensor V4R24110ADA Speaker/Signaling Strobe
24VDC
245
210
System Sensor V4R241575ADA Speaker/Signaling Strobe
24VDC
120
93
System Sensor SP100W24LOC Ceiling Speaker/Strobe, 8” round grill
24VDC
45
25
System Sensor SP101R24LO Speaker/Strobe, 5” square grill
24VDC
45
25


Numéro de pièce similaire - PDRP-1001

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
   Agent Release Control System
PDRP-1002E SYSTEMSENSOR-PDRP-1002E Datasheet
931Kb / 44P
   Agent Release Control System
More results

Description similaire - PDRP-1001

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
PDRP-2001 SYSTEMSENSOR-PDRP-2001 Datasheet
1Mb / 140P
   Deluge Preaction Control Panel
logo
Gamewell-FCI by Honeywe...
FGF506D GAMEWELL-FCI-FGF506D Datasheet
71Kb / 4P
   Pre-action / Deluge Control Panel
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF240IESE020 SCHNEIDER-HFNF240IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
   Industrial/Control Panel
19-Feb-2023
logo
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL Datasheet
316Kb / 3P
   Diameter Panel Control
logo
D+H Mechatronic AG
VCM05U DH-VCM05U Datasheet
402Kb / 2P
   CNV control panel
GVL8304-K DH-GVL8304-K Datasheet
257Kb / 2P
   CNV control panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com