Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PDRP-1001 Fiches technique(PDF) 4 Page - Systemsensor advanced ideas.

No de pièce PDRP-1001
Description  Deluge - Preaction Control Panel
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PDRP-1001 Fiches technique(HTML) 4 Page - Systemsensor advanced ideas.

  PDRP-1001 Datasheet HTML 1Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 2Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 3Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 4Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 5Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 6Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 7Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 8Page - Systemsensor advanced ideas. PDRP-1001 Datasheet HTML 9Page - Systemsensor advanced ideas. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
NFPA Standards
4
PDRP-1001 Instruction Manual PN 50734:D0 04/06/01
NFPA Standards
This control panel complies with the following NFPA standards:
•NFPA 13 - Sprinkler Systems
•NFPA 15 - Water Spray Systems
•NFPA 16 - Foam-Water Deluge Systems and Foam-Water Spray Systems
• NFPA 72 - Central Station Signaling Systems (Automatic, Manual, and Waterflow) - Protected
Premises Unit
Requires NOTI-FIRE 911AC DACT or 411UDAC Universal Digital Alarm Communicator
• NFPA 72 - Local Fire Alarm Systems (Automatic, Manual, Waterflow and Sprinkler Supervisory)
• NFPA 72 - Auxiliary Fire Alarm Systems (Automatic, Manual, and Waterflow)
Requires 4XTM
• NFPA 72 - Remote Station Fire Alarm Systems (Automatic, Manual, and Waterflow)
Requires 4XTM or NOTI•FIRE 911AC DACT or 411UDAC
Note: Applications which require the 411UDAC or the NOTI-FIRE 911AC are not FM approved.
NFPA Standards
• The above listed documentation
• NFPA 72 - Automatic Fire Detectors
• NFPA 72 - Installation, Maintenance, and Use of Notification Appliances for Fire Alarm Systems
• NFPA 72 - Testing Procedures for Signaling Systems
Underwriters Laboratories Documents
• UL 38 - Manually Actuated Signaling Boxes
• UL 217 - Smoke Detectors, Single and Multiple Station
• UL 228 - Door Closers - Holders for Fire Alarm Systems
• UL 268 - Smoke Detectors for Fire Alarm Systems
• UL 268A - Smoke Detectors for Duct Applications
• UL 346 - Waterflow Indicators for Fire Protective Signaling Systems
• UL 464 - Audible Signaling Appliances
• UL 521 - Heat Detectors for Fire Protective Signaling Systems
• UL 864 - Standard for Control Units for Fire Alarm Systems
• UL 1481 - Power Supplies for Fire Protective Signaling Systems
• UL 1638 - Visual Signaling Appliances
• UL 1971 - Signaling Devices for the Hearing Impaired
• CAN/ULC-S524-M91 Standard for Installation of Fire Alarm Systems
• CAN/ULC-S527-M87 Standard for Control Units for Fire Alarm System
Other
• NEC Article 300 - Wiring Methods
• NEC Article 760 - Fire Protective Signaling Systems
• Applicable Local and State Building Codes
• Requirements of the Local Authority Having Jurisdiction
• ADA - Americans with Disabilities Act
Refer to "Appendix B: Compatible Devices" on page 39 for a listing of all compatible initiating, indicating
and releasing devices.
Before proceeding, the installer should be familiar with the following documents.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FLEX405 Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability 1  2  3  4  List of Unclassifed Manufacturers
3852A-282-103AL Diameter Panel Control 1  2  3  Bourns Electronic Solutions
M62253AGP Charge Control IC for Li-Ion Batteries 1  2  3  4  5  More Renesas Technology Corp
AP1520 PWM Control 2A Step-Down Converter 1  2  3  4  5  More Anachip Corp
U2429 SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME 1  2  3  4  5  Unisonic Technologies
TLC542C 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS 1  2  3  4  5  More Texas Instruments
PGA2310_06 Stereo Audio Volume Control 1  2  3  4  5  More Burr-Brown (TI)
SM6453AB_02 3-wire Serial Data Volume Control for Headphone Amplifier IC 1  2  3  4  5  More Nippon Precision Circuits Inc
TL1451_05 DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS 1  2  3  4  5  More Unisonic Technologies
WM8746_06 24-bit 192kHz 6-Channel DAC with Volume Control 1  2  3  4  5  More Wolfson Microelectronics plc

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn