Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFH1033 Fiches technique(PDF) 4 Page - LUXPIA

No de pièce LFH1033
Description  SMD Top View Type(3Chips In 1)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUXPIA [LUXPIA]
Site Internet  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LFH1033 Fiches technique(HTML) 4 Page - LUXPIA

  LFH1033 Datasheet HTML 1Page - LUXPIA LFH1033 Datasheet HTML 2Page - LUXPIA LFH1033 Datasheet HTML 3Page - LUXPIA LFH1033 Datasheet HTML 4Page - LUXPIA LFH1033 Datasheet HTML 5Page - LUXPIA LFH1033 Datasheet HTML 6Page - LUXPIA LFH1033 Datasheet HTML 7Page - LUXPIA LFH1033 Datasheet HTML 8Page - LUXPIA LFH1033 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
LFH1033
5. Electrical - Optical Characteristics
1)Red
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF= 20mA
1.8
-
2.4
V
Dominant Wavelength
λD
IF= 20mA
620
-
630
nm
Luminous intensity
Iv
IF= 20mA
420
-
650
mcd
Spectrum Bandwidth
Δλ
IF= 20mA
-
20
-
nm
Reverse Current
IR
VR=5V
-
-
10
uA
*
2Half Angle
θ1/2
IF= 20mA
-
±60
-
deg
*2.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
2)Blue
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF= 20mA
3.0
-
3.6
V
Dominant Wavelength
λD
IF= 20mA
450
-
465
nm
Luminous intensity
Iv
IF= 20mA
110
-
210
mcd
Spectrum Bandwidth
Δλ
IF= 20mA
-
15
-
nm
Reverse Current
IR
VR=5V
-
-
10
uA
*
2Half Angle
θ1/2
IF= 20mA
-
±60
-
deg
*2.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
3)Green
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF= 20mA
3.0
-
3.6
V
Dominant Wavelength
λD
IF= 20mA
520
-
530
nm
Luminous intensity
Iv
IF= 20mA
850
-
1200
mcd
Spectrum Bandwidth
Δλ
IF= 20mA
-
15
-
nm
Reverse Current
IR
VR=5V
-
-
10
uA
*
2Half Angle
θ1/2
IF= 20mA
-
±60
-
deg
*2.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
(Ta = 25℃)


Numéro de pièce similaire - LFH1033

FabricantNo de pièceFiches techniqueDescription
logo
LUXPIA
LFH1036 LUXPIA-LFH1036 Datasheet
336Kb / 16P
   Specification for Approval
More results

Description similaire - LFH1033

FabricantNo de pièceFiches techniqueDescription
logo
LUXPIA
LWH1033N LUXPIA-LWH1033N Datasheet
297Kb / 17P
   SMD Top View Type(3Chips In 1)
LWH1032N LUXPIA-LWH1032N Datasheet
287Kb / 17P
   SMD Top View Type(2Chips In 1)
LWH1035 LUXPIA-LWH1035 Datasheet
296Kb / 17P
   SMD Top View Type
LWH1036N LUXPIA-LWH1036N Datasheet
301Kb / 15P
   SMD Top View Type
LYU1035 LUXPIA-LYU1035 Datasheet
213Kb / 16P
   SMD Top View Type
LRM1037 LUXPIA-LRM1037 Datasheet
635Kb / 16P
   Package : SMD Top View Type (1chip, 1Zener in 1PKG)
LGM1037 LUXPIA-LGM1037 Datasheet
299Kb / 14P
   Package : SMD Top View Type (1chip, 1Zener in 1PKG)
logo
Everlight Electronics C...
67-21-S9C-N1U1V1A5E8 EVERLIGHT-67-21-S9C-N1U1V1A5E8 Datasheet
454Kb / 10P
   SMD Top View LEDs
logo
Rohm
RPT-38PT3F ROHM-RPT-38PT3F Datasheet
70Kb / 3P
   Phototransistor, top view type
RPT-37PB3F ROHM-RPT-37PB3F_10 Datasheet
136Kb / 3P
   Phototransistor, top view type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com