Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF-07S03 Fiches technique(PDF) 3 Page - Minmax Technology Co., Ltd.

No de pièce ADF-07S03
Description  7 Watts Universal Input Range AC/DC Power Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINMAX [Minmax Technology Co., Ltd.]
Site Internet  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ADF-07S03 Fiches technique(HTML) 3 Page - Minmax Technology Co., Ltd.

  ADF-07S03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ADF-07S03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ADF-07S03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. ADF-07S03 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.5A Slow - Blow Type
External Fuse (Recommended)
All Models
Input Fuse
A
20
---
---
230VAC
A
10
---
---
115VAC
Inrush Current (Cold Start at 25])
Hz
440
---
47
Input Frequency Range
VAC
265
---
85
All Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Conditions
Parameter
Input Specifications
Hiccup mode, indefinite (automatic recovery)
Short circuit protection
%
---
---
105
85VAC, Hiccup technique, auto-recovery
Current limitation
%
5.0
---
---
Overshoot
%/]
{0.02
{0.01
---
Temperature Coefficient
% of Vo
---
120
---
Zener diode clamp
Over Voltage Protection
%Vpp of Vo
1.0
0.8
---
Other Output Models
%Vpp of Vo
1.8
1.5
---
3.3 & 5.0VDC Output Models
Ripple & Noise (20MHz)
%
{1.0
{0.5
---
Iout=Min. to Max.
Load Regulation
%
{1.0
{0.5
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Single Output
L
N
EMI Filter
and
Inrush Current
Limiter
Switching
Device
Rectifier
+Vo
-Vo
Isolation
Ref.Amp
Control Circuit
Rectifier
Block Diagram
ADF-07 Series
REV:10 2008/07
MINMAX
3


Numéro de pièce similaire - ADF-07S03

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
ADF-07S03 MINMAX-ADF-07S03 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
ADF-07S03 MINMAX-ADF-07S03 Datasheet
314Kb / 3P
   AC/DC Power Module 7W
More results

Description similaire - ADF-07S03

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AGF-10 MINMAX-AGF-10 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
ETA-USA
DTC70-XSX-W ETA-USA-DTC70-XSX-W Datasheet
234Kb / 2P
   AC/DC SWITCHING DESKTOP ADAPTOR POWER SUPPLY SINGLE OUTPUT / UNIVERSAL RANGE INPUT 70 WATTS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com