Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC54VC3902EZBSTP Fiches technique(PDF) 3 Page - TelCom Semiconductor, Inc

No de pièce TC54VC3902EZBSTP
Description  VOLTAGE DETECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC54VC3902EZBSTP Fiches technique(HTML) 3 Page - TelCom Semiconductor, Inc

  TC54VC3902EZBSTP Datasheet HTML 1Page - TelCom Semiconductor, Inc TC54VC3902EZBSTP Datasheet HTML 2Page - TelCom Semiconductor, Inc TC54VC3902EZBSTP Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-281
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC54
VOLTAGE DETECTOR
TIMING CHART
MARKING
8
12
4
7
11
3
6
10
2
5
9
1
VIN
DETECT VOLTAGE VDET
MINIMUM OPERATING
VOLTAGE
VHYST
VDET
OUTPUT VOLTAGE
RELEASE
VOLTAGE
RESET
VOLTAGE
OR
GROUND LEVEL
GROUND LEVEL
+
= output (Nch or CMOS) plus first voltage digit
23 45 6
Nch
M N P R S
CMOS
C D E F H
ex: CMOS 3.x =
kkkk
= first voltage decimal (0-9)
ex: CMOS 3.4 =
kkkk
&
= assembly lot number
D
D4
,
&
= 54_ (fixed)
= output (C = CMOS, N = Nch)
= first voltage digit (2-6)
= first voltage decimal (0-9)
= extra feature code : fixed : 0
= detecting accuracy
1 =
± 1.0% (custom), 2 = ± 2.0% (standard)
,
,
&
= assembly lot number
SOT-89-3
SOT-23A-3
TO-92
DESCRIPTION OF OPERATION
Refer to the Timing Chart below. In normal steady-state
operation, when VIN > V
DET, the output will be at a logic high.
In the case of the TC54V, this is an open-drain condition. If
and when the input falls below V
DET, the output will pull down
(Logic 0) to VSS. Generally, VOUT can pull down to within
0.5V of VSS at rated output current and input voltage. (See
the Electrical Characteristics section).
The output, VOUT, will stay valid until the input voltage
falls below the Minimum Operating Voltage, VIN(MIN), of
1.5V. Below this minimum operating voltage, the output is
undefined. During power-up or anytime VIN has fallen below
VIN (MIN), VOUT will remain undefined until VIN rises above
VIN(MIN), at which time the output will become valid. VOUT
will be in its active low state while VIN(MIN) < VIN < V+DET.
(V+DET = V
DET + VHYST). If and when the input rises above
V
+
DET, the output will assume its inactive state. (High for
TC54VC, open-drain for TC54VN).
APPLICATIONS
Refer to TelCom Semiconductor Application Note #2,
Using the TC54 Voltage Detector.


Numéro de pièce similaire - TC54VC3902EZBSTP

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC54VC3002ECB MICROCHIP-TC54VC3002ECB Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC3002ECB713 MICROCHIP-TC54VC3002ECB713 Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC3002ECB713 MICROCHIP-TC54VC3002ECB713 Datasheet
172Kb / 16P
   Voltage Detector
10/05/07
TC54VC3002EMB MICROCHIP-TC54VC3002EMB Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC3002EMB713 MICROCHIP-TC54VC3002EMB713 Datasheet
229Kb / 16P
   Voltage Detector
2007
More results

Description similaire - TC54VC3902EZBSTP

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com