Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD426S Fiches technique(PDF) 9 Page - SamHop Microelectronics Corp.

No de pièce STD426S
Description  N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD426S Fiches technique(HTML) 9 Page - SamHop Microelectronics Corp.

  STD426S Datasheet HTML 1Page - SamHop Microelectronics Corp. STD426S Datasheet HTML 2Page - SamHop Microelectronics Corp. STD426S Datasheet HTML 3Page - SamHop Microelectronics Corp. STD426S Datasheet HTML 4Page - SamHop Microelectronics Corp. STD426S Datasheet HTML 5Page - SamHop Microelectronics Corp. STD426S Datasheet HTML 6Page - SamHop Microelectronics Corp. STD426S Datasheet HTML 7Page - SamHop Microelectronics Corp. STD426S Datasheet HTML 8Page - SamHop Microelectronics Corp. STD426S Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TO251 Tube/TO-252
TO-252 Carrier Tape
TO-252 Reel
Tape and Reel Data
UNIT:
PACKAGE
TO-252
(16
A0
B0
K0
D0
D1
EE1
E2
P0
P1
P2
T
6.80
0.1
10.3
0.1
2.50
0.1
2
1.5
+ 0.1
-0
16.0
0.3
1.75
0.1
7.5
0.15
8.0
0.1
4.0
0.1
2.0
0.15
0.3
0.05
UNIT:
TAPE SIZE
16
REEL SIZE
330
M
N
W
T
H
K
S
G
R
V
330
0.5
97
1.0
17.0
+ 1.5
-0
2.2
13.0
+0.5
- 0.2
10.6
2.0
0.5
S
9
"A"
TO-251 Tube
S T U/D426S


Numéro de pièce similaire - STD426S

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
STD420 LITTELFUSE-STD420 Datasheet
128Kb / 2P
   This axial leaded strap product is designed to provide reliable, non-cycling protection for rechanrgeable batteries
logo
Visual Communications C...
STD420BLK VCC-STD420BLK Datasheet
67Kb / 1P
   STD
logo
SamHop Microelectronics...
STD420S SAMHOP-STD420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STD421S SAMHOP-STD421S Datasheet
498Kb / 8P
   P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
logo
VBsemi Electronics Co.,...
STD421S VBSEMI-STD421S Datasheet
997Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Description similaire - STD426S

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU420S SAMHOP-STU420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDU40N03 SAMHOP-SDU40N03 Datasheet
386Kb / 5P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU20N03L SAMHOP-STU20N03L Datasheet
801Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST420S SAMHOP-ST420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU428S SAMHOP-STU428S Datasheet
196Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU421S SAMHOP-STU421S Datasheet
498Kb / 8P
   P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com