Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMZ-91 Fiches technique(PDF) 1 Page - Rhombus Industries Inc.

No de pièce AMZ-91
Description  AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RHOMBUS-IND [Rhombus Industries Inc.]
Site Internet  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

AMZ-91 Fiches technique(HTML) 1 Page - Rhombus Industries Inc.

  AMZ-91 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
AMZ 9901
AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% point of leading edge.
3. Output (100% Tap) terminated to ground through R
L=ZO
Low Profile 8-Pin Package
for Surface Mount Applications
Low Distortion LC Network
5 Equal Delay Taps
Fast Rise Time -- BW
0.35 / t
r
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
AMY Style Schematic
Per table, substitute
AMY for AMZ in P/N
100%
8
1
IN
3
80%
20%
5
60%
6
40%
7
COM
4
2
COM
100%
8
1
IN
3
20%
40%
5
60%
6
80%
7
COM
4
2
COM
AMZ Style Schematic
Recommended
for New Designs
Dimensions in Inches (mm)
.300
(7.62)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.365
(9.27)
MAX.
.505
(12.83)
MAX.
.120
MIN.
(3.05)
MAX.
.205
(5.21)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.020
(0.51)
TYP.
J-SMD
.330 (8.38)
MAX.
.020 R
(0.51)
.285
(7.24)
MAX.
.285 (7.24)
.260 (6.60)
MAX.
.215
(5.46)
.030
(0.76)
TYP.
.505
(12.83)
MAX.
.100
(2.54)
TYP.
.020
(0.51)
TYP.
.050
(1.27)
TYP.
To Specify SMD: Add Suffix "J" to P/N
G-SMD
G-SMD
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.030
(0.76)
TYP.
.010
(0.25)
TYP.
.008 R
(0.20)
.505
(12.83)
MAX.
.205
(5.21)
MAX.
.015
(0.38)
TYP.
.020
(0.51)
TYP.
.050
(1.27)
TYP.
.100
(2.54)
TYP.
To Specify SMD: Add Suffix "G" to P/N
J-SMD
Delay Tolerances
50 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
200 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
Total
(ns)
Tap-to-Tap
(ns)
2.5 ± 0.3
0.5 ± 0.2 AMZ-2.55
1.5
0.4
AMZ-2.57
1.5
0.6
AMZ-2.51
1.5
0.6
AMZ-2.52
1.5
0.9
5 ± 0.5
1.0 ± 0.3
AMZ-55
2.0
0.5
AMZ-57
2.0
0.6
AMZ-51
2.0
0.6
AMZ-52
2.0
1.1
6 ± 0.5
1.2 ± 0.4
AMZ-65
2.3
0.5
AMZ-67
2.3
0.6
AMZ-61
2.4
0.7
AMZ-62
2.6
1.1
7 ± 0.5
1.4 ± 0.4
AMZ-75
2.6
0.6
AMZ-77
2.6
0.6
AMZ-71
2.8
0.8
AMZ-72
2.8
1.1
7.5 ± 0.5
1.5 ± 0.5 AMZ-7.55
2.8
0.6
AMZ-7.57
2.8
0.8
AMZ-7.51
2.9
0.8
AMZ-7.52
2.9
1.4
8 ± 0.5
1.6 ± 0.5
AMZ-85
3.0
0.6
AMZ-87
3.0
0.9
AMZ-81
3.0
0.8
AMZ-82
3.1
1.4
9 ± 0.5
1.8 ± 0.5
AMZ-95
3.3
0.7
AMZ-97
3.4
0.9
AMZ-91
3.4
0.8
AMZ-92
3.4
1.4
10 ± 1.0
2.0 ± 0.5
AMZ-105
3.4
0.7
AMZ-107
3.5
0.9
AMZ-101
3.6
0.9
AMZ-102
3.6
1.6
15 ± 1.0
3.0 ± 0.6
AMZ-155
5.2
0.9
AMZ-157
5.2
1.7
AMZ-151
5.2
1.8
AMZ-152
5.2
2.7
20 ± 1.0
4.0 ± 1.0
AMZ-205
6.8
1.0
AMZ-207
6.8
1.9
AMZ-201
6.8
2.0
AMZ-202
6.8
2.8
25 ± 1.25 5.0 ± 1.0
AMZ-255
8.5
1.3
AMZ-257
8.5
2.1
AMZ-251
8.5
2.2
AMZ-252
8.5
3.0
30 ± 1.5
6.0 ± 1.5
AMZ-305
10.2
1.4
AMZ-307
10.2
2.2
AMZ-301
10.2
2.4
AMZ-302
10.2
3.2
35 ± 1.75 7.0 ± 1.5
AMZ-355
11.9
1.5
AMZ-357
11.9
2.4
AMZ-351
11.9
2.6
AMZ-352
11.9
3.4
40 ± 2.0
8.0 ± 1.8
AMZ-405
13.6
1.6
AMZ-407
13.6
2.7
AMZ-401
13.6
2.8
AMZ-402
13.6
3.6
50 ± 2.5 10.0 ± 2.0 AMZ-505
17.0
2.0
AMZ-507
17.0
2.9
AMZ-501
17.0
3.1
AMZ-502
17.0
5.5
60 ± 3.0 12.0 ± 2.5 AMZ-605
20.4
2.2
AMZ-607
20.4
3.3
AMZ-601
20.4
3.3
AMZ-602
20.4
6.2
75 ± 3.75 15.0 ± 3.0 AMZ-755
25.5
2.5
AMZ-757
25.5
3.6
AMZ-751
25.5
3.6
AMZ-752
25.5
6.8
80 ± 4.0 16.0 ± 3.0 AMZ-805
27.2
2.6
AMZ-807
27.2
3.4
AMZ-801
27.2
5.0
AMZ-802
27.2
7.0
100 ± 5.0 20.0 ± 3.0 AMZ-1005 34.0
3.0
AMZ-1007
34.0
3.7
AMZ-1001
34.0
5.8
AMZ-1002
34.0
7.8
Electrical Specifications at 25OC 1, 2, 3
Note: For SMD Package add "G" of "J" as below to P/N in Table
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) ................................... 5% to 10%, typical
Pulse Distortion (S) ..................................................... 3% typical
Working Voltage .............................................. 25 VDC maximum
Dielectric Strength ........................................... 100VDC minimum
Insulation Resistance ........................ 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ................................. 70 ppm/OC, typical
Bandwidth (f
C) ....................................................... 0.35/t
r
approx.
Operating Temperature Range ............................. -55O to +125OC
Storage Temperature Range ................................ -65O to +150OC


Numéro de pièce similaire - AMZ-91

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMZ8127 ETC1-AMZ8127 Datasheet
542Kb / 11P
   AM8127 Clock Generator
More results

Description similaire - AMZ-91

FabricantNo de pièceFiches techniqueDescription
logo
Rhombus Industries Inc.
AIZ-55 RHOMBUS-IND-AIZ-55 Datasheet
76Kb / 2P
   AIZ Series Passive 10-Tap DIP/SMD Delay Modules
logo
Bel Fuse Inc.
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
   10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SIP4 RHOMBUS-IND-SIP4 Datasheet
30Kb / 1P
   SIP4 Series 5-Tap High Performance Passive Delay Modules
logo
Bel Fuse Inc.
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
TZA1-5 RHOMBUS-IND-TZA1-5 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
logo
Data Delay Devices, Inc...
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
logo
Rhombus Industries Inc.
SP24A RHOMBUS-IND-SP24A Datasheet
45Kb / 1P
   SP24A Series 20-Tap High Performance Passive Delay Modules
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com