Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STU405DH Fiches technique(PDF) 5 Page - SamHop Microelectronics Corp.

No de pièce STU405DH
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU405DH Fiches technique(HTML) 5 Page - SamHop Microelectronics Corp.

  STU405DH Datasheet HTML 1Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 2Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 3Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 4Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 5Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 6Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 7Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 8Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
F igure 6. B rea kdown V olta ge V a ria tion
with T empera ture
Figure 8. Body Diode F orwa rd V olta ge
V a ria tion with S ource C urrent
V SD, B ody Diode F orward V oltage (V )
T j, J unction T empera ture ( C )
Tj, J unction T empera ture ( C )
5
6
20.0
10.0
1.0
0
0.4
0.8
1.2
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
-50
-25
0
25
50
75
100 125 150
V DS =V GS
ID=250uA
-50
-25
0
25
50
75
100 125 150
0.95
0.90
0.85
ID=250uA
V GS ,G ate- S ource Voltage (V )
56
42
0
F igure 7. On-R es is tance vs .
G ate-S ource V oltage
24
6
8
10
0
F igure 5. G a te T hres hold V a ria tion
with T empera ture
ID=8A
S T U405DH
1.00
1.05
1.10
1.15
28
14
84
70
125 C
25 C
75 C
125 C
1.6
2.0
5.0
25 C
75 C


Numéro de pièce similaire - STU405DH

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STU405D SAMHOP-STU405D Datasheet
988Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results

Description similaire - STU405DH

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8450 SAMHOP-STM8450 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STS2620 SAMHOP-STS2620 Datasheet
926Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8301 SAMHOP-STM8301 Datasheet
1,014Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com