Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-070-E Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce STK672-070-E
Description  Stepping Motor Driver Output Current 1.5A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-070-E Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  STK672-070-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-070-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-070-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-070-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-070-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-070-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-070-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-070-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-070-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STK672-070-E
No.7307-5/18
Test Circuit Diagrams
Vsat
Vdf
IIH, IIL
Ioave, ICC, fc
For Ioave measurement: Set switch SW1 to the b position, provide the Vref input and switch over switch SW2.
For fc measurement: Set SW1 to the a position, set Vref to 0V, and switch over switch SW3.
For ICC measurement: Set the ENABLE input to the low level.
11
8
9
7
13
1
2
3
4
5
A
RL
AB
B
BB
6
+
+
VCC2
VCC2
STK672-070-E
Start
Vref=2.5V
V
1
2
3
4
5
A
AB
B
BB
6
VCC1
STK672-070-E
V
A
A13257
11
8
9
7
13
1
2
3
4
5
A
a
b a
b
AB
B
SW2
SW3
SW1
BB
6
15
VCC2
Vref
ENABLE
VCC1
VCC1
STK672-070-E
Start
A13260
8
1
6
A
A
2.5V
VCC2
M1
STK672-070-E
A13259
A13258
9
M2
12
M3
11
CLK
10
CWB
14
13
RESET
15
ENABLE
7
Vref
A
A
fc
IIL
IIH


Numéro de pièce similaire - STK672-070-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-010 SANYO-STK672-010 Datasheet
367Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 1.7A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller
STK672-020 SANYO-STK672-020 Datasheet
365Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 3.0A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller?
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-040 SANYO-STK672-040 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
More results

Description similaire - STK672-070-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-080-E SANYO-STK672-080-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 2.8A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
logo
ON Semiconductor
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK6713AMK3 SANYO-STK6713AMK3 Datasheet
61Kb / 3P
   Stepping Motor Fixed-current Driver
STK6713BMK3 SANYO-STK6713BMK3 Datasheet
61Kb / 3P
   Stepping Motor Fixed-current Driver?
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_12 Datasheet
177Kb / 9P
   PWM Current Controlling Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com