Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11699H Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LB11699H
Description  Spindle Motor Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11699H Fiches technique(HTML) 9 Page - Sanyo Semicon Device

  LB11699H Datasheet HTML 1Page - Sanyo Semicon Device LB11699H Datasheet HTML 2Page - Sanyo Semicon Device LB11699H Datasheet HTML 3Page - Sanyo Semicon Device LB11699H Datasheet HTML 4Page - Sanyo Semicon Device LB11699H Datasheet HTML 5Page - Sanyo Semicon Device LB11699H Datasheet HTML 6Page - Sanyo Semicon Device LB11699H Datasheet HTML 7Page - Sanyo Semicon Device LB11699H Datasheet HTML 8Page - Sanyo Semicon Device LB11699H Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LB11699H
PS No.8315 -9/9
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Continued from preceding page.
Pin No.
Pin
Pin
voltage
Description
Equivalent Circuit
7
BRAKE
0V
to
VCC1
Short-circuit braking pin
BRAKE : High
→ brake
Low
→ drive
Open
4
FGSEL
0V
to
VCC1
Single Hall sensor/three Hall sensor FG
switching pin
FGSEL : High
→ three Hall senso
Low
→ single Hall sensor
Open
This catalog provides information as of April, 2007. Specifications and information herein are subject
to change without notice.
100
μA
VCC1
50k
Ω
75k
Ω
7
100
μA
VCC1
50k
Ω
75k
Ω
4


Numéro de pièce similaire - LB11699H

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690H SANYO-LB11690H Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
More results

Description similaire - LB11699H

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Panasonic Semiconductor
AN8470NSA PANASONIC-AN8470NSA Datasheet
71Kb / 8P
   Spindle motor driver IC for optical disk
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
   Spindle motor driver IC for optical disk
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
logo
Mitsubishi Electric Sem...
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
   SPINDLE MOTOR DRIVER
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com