Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC11074DRG4 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce 74AC11074DRG4
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74AC11074DRG4 Fiches technique(HTML) 5 Page - Texas Instruments

  74AC11074DRG4 Datasheet HTML 1Page - Texas Instruments 74AC11074DRG4 Datasheet HTML 2Page - Texas Instruments 74AC11074DRG4 Datasheet HTML 3Page - Texas Instruments 74AC11074DRG4 Datasheet HTML 4Page - Texas Instruments 74AC11074DRG4 Datasheet HTML 5Page - Texas Instruments 74AC11074DRG4 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
74AC11074
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH CLEAR AND PRESET
SCAS499A – DECEMBER 1986 – REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
50% VCC
50% VCC
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
Timing Input
(see Note B)
50% VCC
VOLTAGE WAVEFORMS
VCC
0 V
50%
50%
tw
VOLTAGE WAVEFORMS
Input
LOAD CIRCUIT
From Output
Under Test
CL = 50 pF
(see Note A)
500
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
50% VCC
50% VCC
50% VCC
Figure 1. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - 74AC11074DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AC11074DRG4 TI1-74AC11074DRG4 Datasheet
676Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Description similaire - 74AC11074DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
[Old version datasheet]   DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
   Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ACT74-EP TI1-SN74ACT74-EP Datasheet
285Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com