Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6568 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA6568
Description  Six-Channel Driver for Optical Disc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6568 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA6568 Datasheet HTML 1Page - Sanyo Semicon Device LA6568 Datasheet HTML 2Page - Sanyo Semicon Device LA6568 Datasheet HTML 3Page - Sanyo Semicon Device LA6568 Datasheet HTML 4Page - Sanyo Semicon Device LA6568 Datasheet HTML 5Page - Sanyo Semicon Device LA6568 Datasheet HTML 6Page - Sanyo Semicon Device LA6568 Datasheet HTML 7Page - Sanyo Semicon Device LA6568 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA6568
No.7740-4/8
Continued from preceding page.
Pin No.
Symbol
Pin name
Pin description
Equivalent circuit
11
O-RESET
Reset
Open-collector output
15
14
17
18
VIN3−
VIN3+
VIN6−
VIN6+
Input
(Loading
block)
Inputs
50k
16
5VREG
5VREG
5 V regulator output
22
3.3VREG
3.3VREG
3.3 V regulator output


Numéro de pièce similaire - LA6568

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
   Five-Channel Driver
LA6563 SANYO-LA6563 Datasheet
321Kb / 3P
   4CH Bridge (BTL) Driver for CD
LA6564H SANYO-LA6564H Datasheet
431Kb / 8P
   4CH Bridge (BTL) Driver for CD-R
LA6565 SANYO-LA6565 Datasheet
103Kb / 8P
   Five-Channel CD Actuator Driver
LA6565 SANYO-LA6565 Datasheet
122Kb / 8P
   For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
More results

Description similaire - LA6568

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
CXA2697ER SONY-CXA2697ER Datasheet
176Kb / 18P
   5-Channel 2-LD Driver for Optical Disc Drive
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566_11 Datasheet
192Kb / 13P
   Six-Channel Video Driver
April, 2011 ??Rev. 3
logo
STMicroelectronics
STM6316 STMICROELECTRONICS-STM6316 Datasheet
98Kb / 2P
   DVD Optical Disc
logo
Cree, Inc
CGD15FB45P1 CREE-CGD15FB45P1 Datasheet
1Mb / 7P
   Six Channel SiC MOSFET Driver
logo
Panasonic Semiconductor
AN8730SB PANASONIC-AN8730SB Datasheet
79Kb / 7P
   4-channel driver IC for optical disk
logo
Integrated Device Techn...
ZLED7022 IDT-ZLED7022 Datasheet
294Kb / 14P
   Low-Voltage Six-Channel LED Driver
logo
List of Unclassifed Man...
ZLED7022 ETC2-ZLED7022 Datasheet
433Kb / 16P
   Low-Voltage Six-Channel LED Driver
logo
Renesas Technology Corp
ZLED7022 RENESAS-ZLED7022 Datasheet
469Kb / 15P
   Low-Voltage Six-Channel LED Driver
April 20, 2016
logo
Rohm
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com