Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


74ACT11030DE4 Datasheet(Fiches technique) 3 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce 74ACT11030DE4
Description  8-INPUT POSITIVE-NAND GATES
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

   
 3 page
background image
54ACT11030, 74ACT11030
8-INPUT POSITIVE-NAND GATES
SCLS050 – MARCH 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–3
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54ACT11030
74ACT11030
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH =50 µA
4.5 V
4.4
4.4
4.4
IOH = – 50 µA
5.5 V
5.4
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.7
3.8
V
VOH
IOH = – 24 mA
5.5 V
4.94
4.7
4.8
V
IOH = – 50 mA†
5.5 V
3.85
IOH = – 75 mA†
5.5 V
3.85
IOL =50 µA
4.5 V
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
40
µA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
1
mA
Ci
VI = VCC or GND
5 V
3.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54ACT11030
74ACT11030
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A thru H
Y
1.5
5.4
8.1
1.5
8.8
1.5
8.5
ns
tPHL
A thru H
Y
1.5
5.9
7.8
1.5
9.3
1.5
8.7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
CL = 50 pF,
f = 1 MHz
41
pF




Html Pages

1  2  3  4  5 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN54308-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54ALS30A8-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54F308-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
54AC110308-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
SN5410TRIPLE 3-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54AC10TRIPLE 3-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
SN54ALS13313-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
SN54LV132AQUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS 1 2 3 4 5 MoreTexas Instruments
SN5412TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ALS20ADUAL 4-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl