Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST31050201FAX100DF Fiches technique(PDF) 2 Page - KOA Speer Electronics, Inc.

No de pièce ST31050201FAX100DF
Description  thermal sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KOA [KOA Speer Electronics, Inc.]
Site Internet  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

ST31050201FAX100DF Fiches technique(HTML) 2 Page - KOA Speer Electronics, Inc.

  ST31050201FAX100DF Datasheet HTML 1Page - KOA Speer Electronics, Inc. ST31050201FAX100DF Datasheet HTML 2Page - KOA Speer Electronics, Inc. ST31050201FAX100DF Datasheet HTML 3Page - KOA Speer Electronics, Inc. ST31050201FAX100DF Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
168
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/18/06
ST
thermal sensors
environmental applications
Example of
PPS
Material
Processing Protective Tubes
Epoxy resin coating
Fluorine resin shrinkage tube
Polyimide
SUS304
SUS316
CU
Polyurethane coated wire
Processing External Conductors
Parallel heat-resistant vinyl chloride wire
Fluorine resin coated wire
2-wire system
Form
3-wire, 4-wire system
Shielded wire
Example of
Processing of connecting
terminals
Processing of Terminals
Mounting on printed circuit board
Others
Performance Characteristics - ST3000 series
Shape
Product
Measurement Temperature Range
-50°C ~ +300°C
31011
Lead wire without solder plating
Unit: mm
L
13max.
Nickel
SDT101B
30
±3
Welded
ø0.5
30
±3
––
––
-40°C ~ +120°C
31012
Lead wire with solder plating
––
––
-50°C ~ +300°C
31021
Lead wire without solder plating
Welded
7max.
SDT101B
Nickel
30
±3
––
––
-40°C ~ +120°C
31022
Lead wire with solder plating
––
––
31050201
Fluorine Resin
Heat Shrinkage Tube.
L
0.08-square parallel
fluorine resin wire(Red, Black)
(10)
23
max.
0.1
-40°C ~ +220°C
31050205
31050210
31050230
0.5
1.0
3.0
31060301
SUS304
*
( )
L
(5)
(10)
0.08-square parallel
fluorine resin wire(Red, Black)
Caulking
For product of resistance 1k
Ω or product of resistance tolerance B, C,
L=30mm is only available.
*
30
0.1
-40°C ~ +220°C
31060305
31060310
31060330
0.5
1.0
3.0
31060501
50
0.1
31060505
31060510
31060530
0.5
1.0
3.0
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 166


Numéro de pièce similaire - ST31050201FAX100DF

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
ST3100L CHENDA-ST3100L Datasheet
350Kb / 2P
   TRENCH SCHOTTKY RECTIFIER
ST310A CHENDA-ST310A Datasheet
841Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST310B CHENDA-ST310B Datasheet
959Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST310BF CHENDA-ST310BF Datasheet
1Mb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST310C CHENDA-ST310C Datasheet
922Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
More results

Description similaire - ST31050201FAX100DF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LA73 ETC2-LA73 Datasheet
196Kb / 2P
   THERMAL SENSORS
logo
Kemet Corporation
OHD KEMET-OHD Datasheet
576Kb / 12P
   Thermal Sensors
11/2/2021
logo
List of Unclassifed Man...
SDT101 ETC-SDT101 Datasheet
327Kb / 2P
   THERMAL SENSORS
TS3-57 ETC2-TS3-57 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
logo
KOA Speer Electronics, ...
SDT101AX KOA-SDT101AX Datasheet
92Kb / 2P
   platinumthin film thermal sensors
logo
Kemet Corporation
TXS KEMET-TXS Datasheet
189Kb / 1P
   Thermal Sensors Overheat Protection
8/19/2019
logo
KOA Speer Electronics, ...
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors
SDT310LT KOA-SDT310LT Datasheet
95Kb / 3P
   small type platinumthin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com