Moteur de recherche de fiches techniques de composants électroniques |
|
TSOP2830TE1 Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
TSOP2830TE1 Fiches technique(HTML) 3 Page - Vishay Siliconix |
3 / 7 page TSOP28..TE1 Vishay Telefunken 3 (7) Rev. 3, 31-Jan-00 www.vishay.de • FaxBack +1-408-970-5600 Document Number 82062 Suitable Data Format The circuit of the TSOP28..TE1 is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. A bandpassfilter, an integrator stage and an automatic gain control are used to suppress such disturbances. The distinguishing mark between data signal ( not suppressed) and disturbance signal (supressed) are carrier frequency, burst length and Signal Gap Time (see diagram below). The data signal should fullfill the following condition: • Carrier frequency should be close to center frequency of the bandpass (e.g. 38kHz). • Burst length should be 6 cycles/burst or longer. • After each burst a gap time of at least 10 cycles is neccessary. • The data format should not make a continuous signal transmission. There must be a Signal Gap Time (longer than 15ms) at least each 90ms (see Figure A). Some examples for suitable data format are: NEC Code (repetitive pulse), NEC Code (repetitive data), Toshiba Micom Format, Sharp Code, RC5 Code, RECS–80 Code, R–2000 Code. When a disturbance signal is applied to the TSOP28..TE1 it can still receive the data signal. However the sensitivity is reduced to that level that no unexpected pulses will occure. Some examples for such disturbance signals which are suppressed by the TSOP28..TE1 are: • DC light (e.g. from tungsten bulb or sunlight), • Continuous signal at 38kHz or at any other frequency, • Signals from fluorescent lamps (see Figure B). • Continuous IR signal (e.g. 1ms burst, 2ms pause) 0 1020 3040506070 8090 100 time [ms] Signal Gap Time Figure A: Data Signal (Output of IR Receiver) with a Signal Gap Time of 20ms 0 2 4 6 8 10 1214 1618 20 time [ms] Signal Gap Time Figure B: Disturbance Signal from Fluorescent Lamp with Signal Gap Time of 7ms (suppressed by TSOP28..) |
Numéro de pièce similaire - TSOP2830TE1 |
|
Description similaire - TSOP2830TE1 |