Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GOX80515 Fiches technique(PDF) 3 Page - Green Power Solutions srl

No de pièce GOX80515
Description  DOUBLE STAR AC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GPSEMI [Green Power Solutions srl]
Site Internet  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOX80515 Fiches technique(HTML) 3 Page - Green Power Solutions srl

  GOX80515 Datasheet HTML 1Page - Green Power Solutions srl GOX80515 Datasheet HTML 2Page - Green Power Solutions srl GOX80515 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DOUBLE STAR AC-DC CONVERTER
GOX80515
Cooling:
Fan type:
single phase radial
Number of fans:
3
Voltage:
230 V
Current:
1 A (each)
Frequency:
50/60 Hz
Noise:
77 dBA
Document GOX80515T001
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
U3
-+
+
FB2
Fan Board
P3
31
-+
+
FB1
Fan Board
Single Phase Fan
V3
-+
+
FB3
Fan Board
Single Phase Fan
32
Single Phase Fan
S1
T1
T4
T7
T9
T11
TH2
Thermoswitch
DC2
T1
T8
TH3
Thermoswitch
TH1
Thermoswitch
T2
T12
DC1
R1
62
T6
R2
61
T3
T10
DC3
T5
T2
S2


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
GOX8B0515 BI-DIRECTIONAL DOUBLE STAR AC-DC CONVERTER 1  2  3  Green Power Solutions srl
GOX8B0590 BI-DIRECTIONAL DOUBLE STAR AC-DC CONVERTER 1  2  3  Green Power Solutions srl
FSK-S5 AC-DC converter 1  2  3  4  CUI INC
FSK-S10 AC-DC converter 1  2  3  CUI INC
AMEL10 10 watt encapsulated ac-dc converter 1  2  AIMTEC
FSK-S10-XXUB AC-DC converter 1  2  3  4  CUI INC
M62303FP High Precision Double Integration Type A/D Converter 1  2  3  4  5  More Renesas Technology Corp
BP5718A12 Insulation Type AC-DC Converter AC 100V input 12 V/1000 mA output 1  2  3  Rohm
FSK-S15-5U FSK-S15 Series AC-DC Converter 1  2  CUI INC
H8D3190 AC-DC Converter Module 1  Murata Manufacturing Co., Ltd.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn