Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GOX8B0590 Fiches technique(PDF) 3 Page - Green Power Solutions srl

No de pièce GOX8B0590
Description  BI-DIRECTIONAL DOUBLE STAR AC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GPSEMI [Green Power Solutions srl]
Site Internet  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOX8B0590 Fiches technique(HTML) 3 Page - Green Power Solutions srl

  GOX8B0590 Datasheet HTML 1Page - Green Power Solutions srl GOX8B0590 Datasheet HTML 2Page - Green Power Solutions srl GOX8B0590 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BI-DIRECTIONAL DOUBLE STAR
GOX8B0590
Cooling:
Fan type:
single phase axial
Number of fans:
4
Voltage:
230 V
Current:
0.7 A (each)
Frequency:
50/60 Hz
Noise:
62 dBA
Document GOX8B0590T001
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
FAN 2
FAN BOARD
31
32
U3
PE
FAN 1
V3
U3-V3: MAIN SUPPLY
31-32: FAN BOARD CONTACT (CLOSED WHEN FAN RUNNING)
PE: GROUND CONNECTION (GND)
F7
F13
T12
F8
TH4
Thermoswitch
2 X
2 X
F23
F2
T1
82
F22
R1
F5
2 X
TH7
Thermoswitch
T1
F19
T5
T24
TH6
Thermoswitch
T6
T11
TH5
Thermoswitch
T16
T20
T21
FSW3
Fuse Switch
F21
T13
F4
81
T9
F16
T14
T2
2 X
FSW2
Fuse Switch
R2
DC
T15
F9
T17
2 X
FSW1
Fuse Switch
F3
61
F18
FSW5
Fuse Switch
T7
T3
TH8
Thermoswitch
F6
T22
F15
T10
T18
2 X
F1
F11
F12
FSW4
Fuse Switch
F14
F10
T4
F20
62
T2
S1
FSW6
Fuse Switch
T8
S2
TH9
Thermoswitch
T19
T23
F17
F24


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
GOX8B0515 BI-DIRECTIONAL DOUBLE STAR AC-DC CONVERTER 1  2  3  Green Power Solutions srl
FSK-S5 AC-DC converter 1  2  3  4  CUI INC
FSK-S10 AC-DC converter 1  2  3  CUI INC
AMEL10 10 watt encapsulated ac-dc converter 1  2  AIMTEC
FSK-S10-XXUB AC-DC converter 1  2  3  4  CUI INC
BP5718A12 Insulation Type AC-DC Converter AC 100V input 12 V/1000 mA output 1  2  3  Rohm
FSK-S15-5U FSK-S15 Series AC-DC Converter 1  2  CUI INC
H8D3190 AC-DC Converter Module 1  Murata Manufacturing Co., Ltd.
GOB96014 BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE 1  2  3  Green Power Solutions srl
DER-121 13.1 W AC-DC Flyback Converter Using TNY268P 1  2  3  4  5  More Power Integrations, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn