Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GOX8B0515 Fiches technique(PDF) 3 Page - Green Power Solutions srl

No de pièce GOX8B0515
Description  BI-DIRECTIONAL DOUBLE STAR AC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GPSEMI [Green Power Solutions srl]
Site Internet  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOX8B0515 Fiches technique(HTML) 3 Page - Green Power Solutions srl

  GOX8B0515 Datasheet HTML 1Page - Green Power Solutions srl GOX8B0515 Datasheet HTML 2Page - Green Power Solutions srl GOX8B0515 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BI-DIRECTIONAL DOUBLE STAR
GOX8B0515
Cooling:
Fan type:
single phase radial
Number of fans:
6
Voltage:
230 V
Current:
1 A (each)
Frequency:
50/60 Hz
Noise:
77 dBA
Document GOX8B0515T001
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
T3
T2
61
T22
T12
T9
T18
T23
T24
R1
T10
T1
TH5
Thermoswitch
T4
T15
T19
T5
T7
T2
T11
TH4
Thermoswitch
T14
R2
TH7
Thermoswitch
T13
T17
S1
T16
T8
TH9
Thermoswitch
TH6
Thermoswitch
TH8
Thermoswitch
DC
T20
T1
S2
T21
T6
62
-+
+
ACAC
NO COMNC
FB4
Fan Board
U3
Single Phase Fan
P3
-+
+
ACAC
NO COMNC
FB3
Fan Board
Single Phase Fan
32
Single Phase Fan
V3
-+
+
ACAC
NO COMNC
FB2
Fan Board
31


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FSK-S5 AC-DC converter 1  2  3  4  CUI INC
FSK-S10 AC-DC converter 1  2  3  CUI INC
AMEL10 10 watt encapsulated ac-dc converter 1  2  AIMTEC
FSK-S10-XXUB AC-DC converter 1  2  3  4  CUI INC
BP5718A12 Insulation Type AC-DC Converter AC 100V input 12 V/1000 mA output 1  2  3  Rohm
FSK-S15-5U FSK-S15 Series AC-DC Converter 1  2  CUI INC
H8D3190 AC-DC Converter Module 1  Murata Manufacturing Co., Ltd.
GOB96014 BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE 1  2  3  Green Power Solutions srl
DER-121 13.1 W AC-DC Flyback Converter Using TNY268P 1  2  3  4  5  More Power Integrations, Inc.
GOB94015 Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE 1  2  3  Green Power Solutions srl

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn