Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GOX8B0515 Fiches technique(PDF) 1 Page - Green Power Solutions srl

No de pièce GOX8B0515
Description  BI-DIRECTIONAL DOUBLE STAR AC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GPSEMI [Green Power Solutions srl]
Site Internet  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOX8B0515 Fiches technique(HTML) 1 Page - Green Power Solutions srl

  GOX8B0515 Datasheet HTML 1Page - Green Power Solutions srl GOX8B0515 Datasheet HTML 2Page - Green Power Solutions srl GOX8B0515 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GOX8B0515
BI-DIRECTIONAL DOUBLE STAR
AC-DC CONVERTER
Over temperature switches
Fan loss detection circuit
Snubber for SCR's protections
Extractible devices for easy field service
LINE VOLTAGE UP TO 50V
DC OUTPUT CURRENT 15000 A
GOX8B0515
Line to line voltage
Characteristic
Conditions
IDC
DC output current
15000 A
VINS (rms)
Insulation voltage
1000 V
THYRISTOR CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
3V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
400 mA
dV/dt
Critical rate of rise off-state voltage
Tj= 125 °C
1000 V/us
VRRM
Blocking Voltage
Tj = 125 °C
200 V
MECHANICAL AND THERMAL CHARACTERISTICS
Width
964 mm
Depth
1060 mm
Height
1355 mm
Mass
680 kg
Ta max
Max amb. op. Temp.
40 °C
Tstg
Storage temperature
-40/60 °C
Document GOX8B0515T001
50 V
Value
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FSK-S5 AC-DC converter 1  2  3  4  CUI INC
FSK-S10 AC-DC converter 1  2  3  CUI INC
AMEL10 10 watt encapsulated ac-dc converter 1  2  AIMTEC
FSK-S10-XXUB AC-DC converter 1  2  3  4  CUI INC
BP5718A12 Insulation Type AC-DC Converter AC 100V input 12 V/1000 mA output 1  2  3  Rohm
FSK-S15-5U FSK-S15 Series AC-DC Converter 1  2  CUI INC
H8D3190 AC-DC Converter Module 1  Murata Manufacturing Co., Ltd.
GOB96014 BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE 1  2  3  Green Power Solutions srl
DER-121 13.1 W AC-DC Flyback Converter Using TNY268P 1  2  3  4  5  More Power Integrations, Inc.
GOB94015 Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE 1  2  3  Green Power Solutions srl

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn