Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1899 Datasheet(Fiches technique) 5 Page - Analog Intergrations Corporation

Numéro de pièce AIC1899
Description  1.0MHz Current-Mode Step-Up DC/DC Converter
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo 

AIC1899 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AIC1899
5
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.90
0.95
1.00
1.05
1.10
TA=25
oC
SUPPLY VOLTAGE(V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.6
0.8
1.0
1.2
1.4
SHDN=1.0V
FB=1.0V
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
65
70
75
80
85
SHDN=1.0V
FB=1.3V
SUPPLY VOLTAGE (V)
Fig. 8
Frequency vs. Supply Voltage
Fig. 9
RDS-ON vs. Supply Voltage
Fig. 10
Switching Current
Fig. 11
Non-Switching Current
VOUT
VLX
IL
Fig. 12
Operation Waveform
(VIN=3V; VOUT=15V, IOUT=15mA, Test circuit as Fig.1)
VSHDN
VOUT
VLX
Fig. 13
Start-up Waveform
(VIN=3V; VOUT=15V, IOUT=15mA, Test circuit as Fig.1)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AIC18961. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter 1 2 3 4 5 MoreAnalog Intergrations Corporation
MDT762720Step-up DC/DC Converter with Voltage Detector 1 2 3 4 5 Micon Design Technology Corporation
FAN5608_06Serial / Parallel LED Driver with Current-Regulated Step-Up DC/DC Converter 1 2 3 4 5 MoreFairchild Semiconductor
AAT1299Low Voltage 2MHz Step-Up DC/DC Converter 1 2 3 4 5 MoreAnalog Devices
ML0308_1Tiny Package High Efficiency White LED Driver and Step-up DC/DC Converter 1 2 3 4 5 MoreMinilogic Device Corporation Limited
RT9266Tiny Package High Efficiency Step-up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
XC9301_1PWM PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs 1 2 3 4 5 MoreTorex Semiconductor
RCR2562PFM Step-up DC/DC Converter 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MDT7727Step-up DC/DC Converter 1 2 3 4 Micon Design Technology Corporation

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn