Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDD05-05D0 Fiches technique(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

No de pièce TDD05-05D0
Description  DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Site Internet  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD05-05D0 Fiches technique(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD05-05D0 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD05-05D0 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD05-05D0 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD05-05D0 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. TDD05-05D0 Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. TDD05-05D0 Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. TDD05-05D0 Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. TDD05-05D0 Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
KHz
1,500
VDC
1G
-25
+ 71
oC
+ 95
oC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Vi nom,
Io nom
typ.
max.
2
%
Storage temperature
Non operational
-40
+100
No load input current
Input voltage w/o damage
24V models
48V models
48
25
12
40
75
VDC
VDC
mA
mA
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
10
18
24
36
72
VDC
VDC
Ta min ... Ta max, Io nom
Vi nom, Io = 0
Io nom
24V models
48V models
200
48
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
CONTROL AND PROTECTION
single output models
2
2
%
Minimum load
Vi nom
0
20
%
%
Line regulation
Io nom, Vi min ...Vi max
1
%
%
Load regulation
2
5
%
%
o
% / C
mV
Temperature coefficient
Ripple & noise
Transient recovery time
Vi nom, Io nom, BW = 20MHz
Vi nom, Io nom
25% load, step changed
500
0.02
S
oC
Derating
Vi nom
o
% / C
See derating curve
www.chinfa.com
TDD05 SERIES
SINGLE & DUAL OUTPUT
Dimension
L25.4 x W50.8 x H12
mm
Efficiency
Vi nom, Io nom, Po / Pi
Up to 76%, See model list
OUTPUT SPECIFICATIONS
dual output models
- 5V model
single output models
dual output models (each output)
Vi nom, Io 0 ...Io nom, single output models
Vi nom, Io min ...Io nom, dual output models
3
150
%
Input filter
Pi type
INPUT SPECIFICATIONS
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Cooling
Free air convection
Case material
Metal
GENERAL
sales@chinfa.com
2007.06.23


Numéro de pièce similaire - TDD05-05D0

FabricantNo de pièceFiches techniqueDescription
logo
Chinfa Electronics Ind....
TDD05-05D4 CHINFA-TDD05-05D4 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-05D4 CHINFA-TDD05-05D4 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-05D5 CHINFA-TDD05-05D5 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-05D5 CHINFA-TDD05-05D5 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Description similaire - TDD05-05D0

FabricantNo de pièceFiches techniqueDescription
logo
Chinfa Electronics Ind....
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U_14 Datasheet
182Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05 CHINFA-TDD05_14 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com