Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDD20-9093 Fiches technique(PDF) 2 Page - Chinfa Electronics Ind. Co., Ltd.

No de pièce KDD20-9093
Description  DC - DC CONVERTER 17W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Site Internet  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

KDD20-9093 Fiches technique(HTML) 2 Page - Chinfa Electronics Ind. Co., Ltd.

  KDD20-9093 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. KDD20-9093 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
sales@chinfa.com
Characteristics
min.
unit
Output voltage current
Line regulation
Load regulation
Vi nom
typ.
max.
%
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
CONTROL AND PROTECTION
Temperature coefficient
Ripple & noise
500
S
Conditions
Vi nom, Io nom
OUTPUT SPECIFICATIONS
Efficiency
Transient recovery time
Output voltage accuracy
Io nom, Vi min ...Vi max
Vi nom, Io 0 ...Io nom
25% load, step changed
Vi nom, Io nom,
BW = 20MHz
Vi nom, Io nom, Po / Pi
Vi nom, Io nom
Vo : 3.3V
Vo : 5V
Vo : 6.5V
Vo : 3.3V
Vo : 5V
Vo : 6.5V
Vo : 3.3V
Vo : 5V
Vo : 6.5V
Up to 75%
5
1500
500
1500
2
%
%
%
5
1
0.02
80
75
65
2
mV
mV
mV
o
% / C
mA
mA
mA
%
KDD20-9093
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
54 x 74 x 22 mm 2.13 x 2.91 x 0.87 inches
177 g
WEIGHT
Metal
www.chinfa.com


Numéro de pièce similaire - KDD20-9093

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
KDD25 ETC-KDD25 Datasheet
147Kb / 3P
   DC-DC CONVERTER
KDD25-12D01 ETC2-KDD25-12D01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-12D02 ETC2-KDD25-12D02 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-12D03 ETC2-KDD25-12D03 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
More results

Description similaire - KDD20-9093

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
S36SE DELTA-S36SE Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE3R305 DELTA-S36SE3R305_12 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com