Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FDD03-0505D4A Datasheet(Fiches technique) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Numéro de pièce FDD03-0505D4A
Description  DC - DC CONVERTER 2.5 ~ 3W WITH REMOTE FUNCTION
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Site Internet  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD03-0505D4A Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD03-0505D4A Datenblatt HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD03-0505D4A Datenblatt HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD03-0505D4A Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD03-0505D4A Datenblatt HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
FDD03 SERIES
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
50
KHz
1,500
VDC
1G
-25
+ 71
oC
+ 90
oC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Temperature coefficient
Ripple & noise
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom, Io 0 ...Io nom, single output models
Vi nom, Io min ...Io nom, dual output models
Vi nom, Io nom
Vi nom, Io nom, BW = 20MHz
typ.
max.
Efficiency
Vi nom, Io nom, Po / Pi
OUTPUT SPECIFICATIONS
0
20
%
%
%
%
2
1
2
5
%
0.02
o
% / C
mV
Up to 75%, See model list
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
Storage temperature
Non operational
-40
+100
oC
No load input current
Input voltage w/o damage
24V models
48V models
48
12
8
40
75
VDC
VDC
mA
mA
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
9
18
24
48
36
72
VDC
VDC
INPUT SPECIFICATIONS
Ta min... Ta max, Io nom
Io = 0
Io nom
24V models
48V models
150
%
Remote ON / OFF
CONTROL AND PROTECTION
ON: opened or 5 ~ 10VDC applied, reference to input GND
OFF: -0.3 ~ 2VDC applied, reference to input GND
WITH REMOTE FUNCTION
Derating
Vi nom
o
% / C
See derating curve
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
sales@chinfa.com
Dimension
L20.3 x W31.8 x H12.7
mm
Cooling
Free air convection
Case material
Plastic
GENERAL
2007.08.30


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn