Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FDD01-12D0 Datasheet(Fiches technique) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Numéro de pièce FDD01-12D0
Description  DC - DC CONVERTER 1W SINGLE & DUAL OUTPUT
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Site Internet  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD01-12D0 Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD01-12D0 Datenblatt HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD01-12D0 Datenblatt HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD01-12D0 Datenblatt HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD01-12D0 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.chinfa.com
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
20.3 x 31.8 x 12.7 mm 0.8 x 1.25 x 0.5 inches
Plastic
15 g
PIN ASSIGNMENT
PIN NO.
SINGLE
DUAL
1&2
10
11
12
Vi+
NO PIN
NO PIN
Vo -
Vi+
com
com
NO PIN
DERATING
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
71
90
-25
mm [inch]
20.32 [0.80]
12.70 [0.50]
DIA 0.50 [0.02]
5.08 [0.20]
BOTTOM VIEW
24 23
15
13
2
10 1112
31.75 [1.25]
15.24 [0.60]
2.54 [0.10]
sales@chinfa.com
13
15
23&24
Vo+
NO PIN
Vi -
Vo -
Vo+
Vi -
FDD01 SERIES
SINGLE & DUAL OUTPUT
GENERAL
2007.08.30


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn