Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSOP1230GL1 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce TSOP1230GL1
Description  Photo Modules for PCM Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1230GL1 Fiches technique(HTML) 5 Page - Vishay Siliconix

  TSOP1230GL1 Datasheet HTML 1Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 2Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 3Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 4Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 5Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 6Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 7Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TSOP12..GL1
Vishay Telefunken
5 (8)
Rev. 8, 30-Mar-01
www.vishay.com
Document Number 82014
Ee
T
tpi *
t
* tpi w 10/fo is recommended for optimal function
VO
VOH
VOL
t
16110
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, T = 10 ms)
Output Signal
td1 )
tpo2
)
1 ) 7/f0 < td < 15/f0
2 )
tpo = tpi " 6/f0
Figure 7. Output Function
Ee
t
VO
VOH
VOL
t
600
ms
600
ms
T = 60 ms
Ton
Toff
94 8134
Optical Test Signal
Output Signal, ( see Fig.10 )
Figure 8. Output Function
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
20
30
40
50
60
70
80
90
Burstlength [number of cycles/burst]
16153
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10.0
100.0
1000.0 10000.0
Ee – Irradiance (mW/m2)
12843
Ton
l = 950 nm,
optical test signal, fig.8
Toff
Figure 10. Output Pulse Diagram
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–30 –15
0
15
30
45
60
75
90
Tamb – Ambient Temperature ( °C )
96 12115
Vs = 5 V
Figure 11. Supply Current vs. Ambient Temperature
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 12. Relative Spectral Sensitivity vs. Wavelength


Numéro de pièce similaire - TSOP1230GL1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSOP1230 VISHAY-TSOP1230 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 30-Mar-01
TSOP1230CB1 VISHAY-TSOP1230CB1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP1230KA1 VISHAY-TSOP1230KA1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP1230KD1 VISHAY-TSOP1230KD1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP1230KS1 VISHAY-TSOP1230KS1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 7, 30-Mar-01
More results

Description similaire - TSOP1230GL1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com