Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSOP1230GL1 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce TSOP1230GL1
Description  Photo Modules for PCM Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1230GL1 Fiches technique(HTML) 4 Page - Vishay Siliconix

  TSOP1230GL1 Datasheet HTML 1Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 2Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 3Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 4Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 5Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 6Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 7Page - Vishay Siliconix TSOP1230GL1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TSOP12..GL1
Vishay Telefunken
Rev. 8, 30-Mar-01
www.vishay.com
Document Number 82014
4 (8)
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0.7
0.8
0.9
1.0
1.1
f/f0 – Relative Frequency
1.3
94 8143
0.0
0.2
0.4
0.6
0.8
1.0
1.2
f = f0"5%
Df ( 3dB ) = f0 /10
Figure 1. Frequency Dependence of Responsivity
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10.0
100.0
1000.0 10000.0
Ee – Irradiance ( mW/m2 )
12841
Input burst duration
l = 950 nm,
optical test signal, fig.7
Figure 2. Sensitivity in Dark Ambient
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.01
0.10
1.00
10.00
100.00
E – DC Irradiance (W/m2)
96 12111
Correlation with ambient light sources
( Disturbance effect ) : 10W/m2
^1.4 klx
( Stand.illum.A, T = 2855 K )
^8.2 klx
( Daylight, T = 5900 K )
Ambient,
l = 950 nm
Figure 3. Sensitivity in Bright Ambient
0.0
0.4
0.8
1.2
1.6
0.0
0.4
0.8
1.2
2.0
E – Field Strength of Disturbance ( kV / m )
2.0
94 8147
1.6
f(E)=f0
Figure 4. Sensitivity vs. Electric Field Disturbances
0.01
0.1
1
10
100
0.1
1
10
1000
94 9106
DVsRMS – AC Voltage on DC Supply Voltage (mV)
f = f0
10 kHz
100 Hz
1 kHz
Figure 5. Sensitivity vs. Supply Voltage Disturbances
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–30 –15
0
15
30
45
60
75
90
Tamb – Ambient Temperature ( °C )
96 12112
Sensitivity in dark ambient
Figure 6. Sensitivity vs. Ambient Temperature


Numéro de pièce similaire - TSOP1230GL1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSOP1230 VISHAY-TSOP1230 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 30-Mar-01
TSOP1230CB1 VISHAY-TSOP1230CB1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP1230KA1 VISHAY-TSOP1230KA1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP1230KD1 VISHAY-TSOP1230KD1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP1230KS1 VISHAY-TSOP1230KS1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 7, 30-Mar-01
More results

Description similaire - TSOP1230GL1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com