Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSOP1130SA1 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce TSOP1130SA1
Description  Photo Modules for PCM Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1130SA1 Fiches technique(HTML) 5 Page - Vishay Siliconix

  TSOP1130SA1 Datasheet HTML 1Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 2Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 3Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 4Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 5Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 6Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSOP11..SA1
Vishay Telefunken
5 (7)
Rev. 3, 29-Mar-01
www.vishay.com
Document Number 82140
Ee
T
tpi *
t
VO
VOH
VOL
tpo2 )
t
14337
Optical Test Signal
( IR diode TSAL6200, IF=0.4 A, N=6 pulses, f=f0, T=10 ms )
Output Signal
td1 )
1 ) 3/f0 < td < 9/f0
2 )
tpi – 4/f0 < tpo < tpi + 6/f0
* tpi w 6/fo is recommended for optimal function
Figure 7. Output Function
Ee
t
VO
VOH
VOL
t
600
ms
600
ms
T = 60 ms
Ton
Toff
94 8134
Optical Test Signal
Output Signal, ( see Fig.10 )
Figure 8. Output Function
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10203040
50607080
90
Burstlength [number of cycles/burst]
16152
f = 38 kHz
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
10.0
100.0
1000.0 10000.0
Ee – Irradiance (mW/m2)
12753
Ton
l = 950 nm,
optical test signal, fig.8
Toff
Figure 10. Output Pulse Diagram
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–30 –15
0
15
30
45
60
75
90
Tamb – Ambient Temperature ( °C )
96 12115
Vs = 5 V
Figure 11. Supply Current vs. Ambient Temperature
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 12. Relative Spectral Sensitivity vs. Wavelength


Numéro de pièce similaire - TSOP1130SA1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSOP1130SB1 VISHAY-TSOP1130SB1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 8, 29-Mar-01
TSOP1130SK1 VISHAY-TSOP1130SK1 Datasheet
227Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 2, 05-May-03
More results

Description similaire - TSOP1130SA1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com