Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSOP1130SA1 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce TSOP1130SA1
Description  Photo Modules for PCM Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1130SA1 Fiches technique(HTML) 1 Page - Vishay Siliconix

  TSOP1130SA1 Datasheet HTML 1Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 2Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 3Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 4Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 5Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 6Page - Vishay Siliconix TSOP1130SA1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSOP11..SA1
Vishay Telefunken
1 (7)
Rev. 3, 29-Mar-01
www.vishay.com
Document Number 82140
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP1130SA1
30 kHz
TSOP1133SA1
33 kHz
TSOP1136SA1
36 kHz
TSOP1137SA1
36.7 kHz
TSOP1138SA1
38 kHz
TSOP1140SA1
40 kHz
TSOP1156SA1
56 kHz
Description
The TSOP11..SA1 – series are miniaturized receivers
for infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. The main benefit is the
operation with short burst transmission codes (e.g.
RECS 80) and high data rates.
13 645
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D Improved shielding against electrical field
disturbance
D TTL and CMOS compatibility
D Output active low
D Low power consumption
D High immunity against ambient light
D Enhanced data rate of 3500 bit/s
D Operation with short bursts possible
(
≥6 cycles/burst)
Block Diagram
94 8136
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
80 k
W
1
2
3
VS
OUT
GND


Numéro de pièce similaire - TSOP1130SA1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSOP1130SB1 VISHAY-TSOP1130SB1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 8, 29-Mar-01
TSOP1130SK1 VISHAY-TSOP1130SK1 Datasheet
227Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 2, 05-May-03
More results

Description similaire - TSOP1130SA1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com