Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLHE4600 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce TLHE4600
Description  High Intensity LED in 3 mm Tinted Diffused Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHE4600 Fiches technique(HTML) 2 Page - Vishay Siliconix

  TLHE4600 Datasheet HTML 1Page - Vishay Siliconix TLHE4600 Datasheet HTML 2Page - Vishay Siliconix TLHE4600 Datasheet HTML 3Page - Vishay Siliconix TLHE4600 Datasheet HTML 4Page - Vishay Siliconix TLHE4600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLHE4600
Vishay Telefunken
2 (5)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83130
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLHE4600
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
5
V
DC forward current
Tamb ≤ 60°C
IF
30
mA
Surge forward current
tp ≤ 10 ms
IFSM
0.1
A
Power dissipation
Tamb ≤ 60°C
PV
80
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
400
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
Yellow (TLHE4600 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 10 mA
IV
10
26
mcd
Dominant wavelength
IF = 10 mA
ld
581
588
594
nm
Peak wavelength
IF = 10 mA
lp
590
nm
Angle of half intensity
IF = 10 mA
ϕ
±60
deg
Forward voltage
IF = 20 mA
VF
1.9
2.6
V
Reverse voltage
IR = 10 mA
VR
5
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF


Numéro de pièce similaire - TLHE4600

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TLHE4600 VISHAY-TLHE4600 Datasheet
106Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHE4600 VISHAY-TLHE4600 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHE4600 VISHAY-TLHE4600_V01 Datasheet
106Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHE4600 VISHAY-TLHE4600_V02 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Description similaire - TLHE4600

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TLHK4600 VISHAY-TLHK4600 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
TLHK4600 VISHAY-TLHK4600_04 Datasheet
169Kb / 6P
   High Intensity LED in ∅ 3 mm Tinted Diffused Package
Rev. 1.5, 31-Aug-04
TLHE4400 VISHAY-TLHE4400 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHF4600 VISHAY-TLHF4600 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHK4400 VISHAY-TLHK4400 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
TLDR4400 VISHAY-TLDR4400_V01 Datasheet
108Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHF4400 VISHAY-TLHF4400_V01 Datasheet
111Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHK44R1S2 VISHAY-TLHK44R1S2_V01 Datasheet
109Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHF4200 VISHAY-TLHF4200 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Non . Diffused Package
Rev. A1, 04-Feb-99
TLHF4601 VISHAY-TLHF4601 Datasheet
107Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com