Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLDR5400 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce TLDR5400
Description  High Intensity LED, 5 mm Tinted Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR5400 Fiches technique(HTML) 1 Page - Vishay Siliconix

  TLDR5400 Datasheet HTML 1Page - Vishay Siliconix TLDR5400 Datasheet HTML 2Page - Vishay Siliconix TLDR5400 Datasheet HTML 3Page - Vishay Siliconix TLDR5400 Datasheet HTML 4Page - Vishay Siliconix TLDR5400 Datasheet HTML 5Page - Vishay Siliconix TLDR5400 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
TLDR5400
Document Number 83003
Rev. 1.4, 30-Aug-04
Vishay Semiconductors
www.vishay.com
1
e2 Pb
Pb-free
19223
High Intensity LED,
∅ 5 mm Tinted Diffused
Description
This LED contains the double heterojunction (DH)
GaAlAs on GaAs technology.
This deep red LED can be utilized over a wide range
of drive current. It can be DC or pulse driven to
achieve desired light output.
The device is available in a tinted diffused 5 mm pack-
age with a wide radiation angle.
Features
• Exceptional brightness
• Very high intensity even at low drive currents
• Wide viewing angle
• Low forward voltage
• 5 mm (T-1¾) tinted diffused package
• Deep red color
• Categorized for luminous intensity
• Outstanding material efficiency
• Lead-free device
Applications
Bright ambient lighting conditions
Battery powered equipment
Indoor and outdoor information displays
Portable equipment
Telecommunication indicators
General use
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLDR5400
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLDR5400
Red, IV > 35 mcd
30 °
GaAIAs on GaAs
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
DC Forward current
IF
50
mA
Surge forward current
tp ≤ 10 µsIFSM
1A
Power dissipation
Tamb ≤ 65 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
350
K/W


Numéro de pièce similaire - TLDR5400

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
552Kb / 5P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLDR5400 VISHAY-TLDR5400 Datasheet
551Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLDR5400 VISHAY-TLDR5400_V01 Datasheet
552Kb / 5P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

Description similaire - TLDR5400

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHE5400 VISHAY-TLHE5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHK5400 VISHAY-TLHK5400_V01 Datasheet
337Kb / 4P
   High Intensity LED, 첩 5 mm Tinted Diffused Package
08-Feb-17
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLDR5400 VISHAY-TLDR5400_V01 Datasheet
552Kb / 5P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHF5400 VISHAY-TLHF5400_V01 Datasheet
103Kb / 4P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLDR440 VISHAY-TLDR440_04 Datasheet
172Kb / 6P
   High Intensity LED, ∅ 3 mm Tinted Diffused
Rev. 1.4, 30-Aug-04
TLDR4400 VISHAY-TLDR4400 Datasheet
74Kb / 5P
   High Intensity LED, 3 mm Tinted Diffused
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com