Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCET1600G Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce TCET1600G
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1600G Fiches technique(HTML) 6 Page - Vishay Siliconix

  TCET1600G Datasheet HTML 1Page - Vishay Siliconix TCET1600G Datasheet HTML 2Page - Vishay Siliconix TCET1600G Datasheet HTML 3Page - Vishay Siliconix TCET1600G Datasheet HTML 4Page - Vishay Siliconix TCET1600G Datasheet HTML 5Page - Vishay Siliconix TCET1600G Datasheet HTML 6Page - Vishay Siliconix TCET1600G Datasheet HTML 7Page - Vishay Siliconix TCET1600G Datasheet HTML 8Page - Vishay Siliconix TCET1600G Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TCET1600 up to TCET4600
Vishay Telefunken
Rev. A4, 11–Jan–99
258
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
50
100
150
200
250
300
0
40
80
120
Tamb – Ambient Temperature (
°C)
96 11700
Coupled device
Phototransistor
IR-diode
Figure 6. Total Power Dissipation vs.
Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
96 11862
Figure 7. Forward Current vs. Forward Voltage
–25
0
25
50
0
0.5
1.0
1.5
2.0
Tamb – Ambient Temperature ( °C )
95 11025
75
VCE=5V
IF=5mA
Figure 8. Relative Current Transfer Ratio vs.
Ambient Temperature
025
50
75
1
10
100
1000
10000
Tamb – Ambient Temperature ( °C )
100
95 11026
VCE=20V
IF=0
Figure 9. Collector Dark Current vs.
Ambient Temperature
0.1
1
10
0.01
0.1
1
100
IF – Forward Current ( mA )
100
95 11027
10
VCE=5V
Figure 10. Collector Current vs. Forward Current
0.1
1
10
0.1
1
10
100
VCE – Collector Emitter Voltage ( V )
100
95 10985
IF=50mA
5mA
2mA
1mA
20mA
10mA
Figure 11. Collector Current vs. Collector Emitter Voltage


Numéro de pièce similaire - TCET1600G

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCET1600G VISHAY-TCET1600G Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
TCET1600G VISHAY-TCET1600G Datasheet
156Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 10-Dec-10
TCET1600G VISHAY-TCET1600G Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
TCET1600G VISHAY-TCET1600G Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
More results

Description similaire - TCET1600G

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com