Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1PS76SB17 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 1PS76SB17
Description  Schottky barrier diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1PS76SB17 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1PS76SB17 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Schottky barrier diode
1PS76SB17
Features
Low forward volatge
Guard ring protected
ESD > 500 V; Human body model
Very small plastic SMD package.
Absolute Maximum Ratings Ta = 25
PARAMATER
SYMBOL
MIN
MAX
UNIT
continuous reverse voltage
VR
4V
continuous forward current
VF
30
mA
storage temperature
Tstg
-65
+150
junction temperature
Tj
100
Electrical Characteristics Ta = 25
PARAMATER
SYMBOL
CONDITIONS
TYP
MAX
UNIT
IF = 0.1 mA
300
mV
IF = 1 mA
360
450
mV
IF = 10 mA
470
600
mV
reverse current
IR
VR = 3 V;
0.15
0.25
A
f= 1 MHz;VR = 0 V;
0.8
1
pF
f= 1 MHz;VR = 0.5 V;
0.65
pF
thermal resistance from junction to ambient
Rth j-a
note 1
450
K/W
Note
1. Refer to SOD323 standard mounting conditions.
diode capacitance
Cd
forward volatge
VF
Marking
Marking
S7
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max


Numéro de pièce similaire - 1PS76SB17

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1PS76SB17 PHILIPS-1PS76SB17 Datasheet
55Kb / 8P
   Schottky barrier diode
1999 May 25
1PS76SB17 PHILIPS-1PS76SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
1PS76SB17 NXP-1PS76SB17 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS76SB17 NEXPERIA-1PS76SB17 Datasheet
187Kb / 8P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
More results

Description similaire - 1PS76SB17

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com