Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SA1011 Datasheet(Fiches technique) 2 Page - Inchange Semiconductor Company Limited

Numéro de pièce 2SA1011
Description  Silicon PNP Power Transistors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1011 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1011 Datenblatt HTML 1Page - Inchange Semiconductor Company Limited 2SA1011 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1011 Datenblatt HTML 3Page - Inchange Semiconductor Company Limited 2SA1011 Datenblatt HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1011
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA ,RBE=∞
-160
V
V(BR)CBO
Collector-base breakdown voltage
IC=-1mA; IE=0
-180
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA; IC=0
-6
V
VCEsat
Collector-emitter saturation voltage
IC=-0.5A; IB=-50mA
-0.5
V
VBE
Base-emitter voltage
IC=-10mA ; VCE=-5V
-1.5
V
ICBO
Collector cut-off current
VCB=-120V; IE=0
-10
μA
IEBO
Emitter cut-off current
VEB=-4V; IC=0
-10
μA
hFE
DC current gain
IC=-0.3A ; VCE=-5V
60
200
fT
Transition frequency
IC=-50mA ; VCE=-10V
100
MHz
Cob
Output capacitance
IE=0; f=1MHz ; VCB=-10V
30
pF
Switching times resistive load
ton
Turn-on time
0.29
μs
ts
Storage time
0.48
μs
tf
Fall time
IC=-0.5A ;IB1=-IB2=-50mA
VCC=20V; RL=40Ω
0.19
μs
hFE Classifications
D
E
60-120
100-200
2


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
BSR31SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS 1 Zetex Semiconductors
2SA1170Silicon PNP Power Transistors 1 2 3 Inchange Semiconductor Company Limited
2SA1065Silicon PNP Power Transistors 1 2 3 Inchange Semiconductor Company Limited
BDW56isc Silicon PNP Power Transistors 1 2 Inchange Semiconductor Company Limited
UP2518LOW VCE SAT PNP SILICON POWER TRANSISTORS 1 2 3 4 Unisonic Technologies
2SA1060Silicon PNP Power Transistors 1 2 3 Inchange Semiconductor Company Limited

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn