Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BYT85 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BYT85
Description  Ultra Fast Recovery Silicon Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT85 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BYT85 Datasheet HTML 1Page - Vishay Siliconix BYT85 Datasheet HTML 2Page - Vishay Siliconix BYT85 Datasheet HTML 3Page - Vishay Siliconix BYT85 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYT85
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (4)
Document Number 86035
Ultra Fast Recovery Silicon Power Rectifier
Features
D Multiple diffusion
D High voltage
D High current
D Ultra fast forward recovery time
D Ultra fast reverse recovery time
Applications
Fast rectifiers in S.M.P.S, freewheeling and snubber
diode in motor control circuits
14282
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYT85–600
VR=VRRM
600
V
g
=Repetitive peak reverse voltage
BYT85–800
VR=VRRM
800
V
BYT85–1000 VR=VRRM
1000
V
Peak forward surge current
10ms
half sinewave
IFSM
80
A
Repetitive peak forward current
IFRM
20
A
Average forward current
IFAV
4
A
Junction and storage temperature range
Tj=Tstg
–55...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction case
RthJC
3
K/W


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BYT108 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
BYT86 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  Vishay Siliconix
BYT87 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  Vishay Siliconix
BYT115 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
BYT106 Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
FFA15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF20U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFP05U60DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFPF15U20S ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A2CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn